Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCXA502-R16M Datasheet(PDF) 3 Page - Allied Components International

Part # PCXA502-R16M
Description  Shielded High Current Power Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCXA502-R16M Datasheet(HTML) 3 Page - Allied Components International

  PCXA502-R16M Datasheet HTML 1Page - Allied Components International PCXA502-R16M Datasheet HTML 2Page - Allied Components International PCXA502-R16M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Shielded High Current Power Choke
PCXA502
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
04/13/2017
PAGE 3 OF 3
Reel Dimension
Tape Dimension
Tearing Off Force
Top cover tape
165° to180°
Base tape
F
2.0±0.5
EMBOSSED CARRIER
A
COVER TAPE
Type
A(mm) B(mm) C(mm) D(mm)
330x12mm
100±2
13+0.5/-0.2
330
The force for tearing off cover tape is 10 to 130 grams in the arrow
direction under the following conditions(referenced
ANSI/EIA-481-D-2008 of 4.11 standard).
Room Temp.
( )
℃
Room Humidity
(%)
Room atm
(hPa)
Tearing Speed
mm/min
Bo(mm) Ao(mm) Ko(mm) P(mm) W(mm) F(mm) T(mm) D(mm)
12.4+2/-0
5~35
45~85
860~1060
290~310
PackagingInformation
5.7±0.1
6.0±0.1
2.3±0.1
8.0±0.1
12.0±0.3
7.5±0.1
0.35±0.05
1.5±0.1
Application Notice
‧
Storage Conditions
To maintain the solderability of terminal electrodes:
1. PCXA502Series meets IPC/JEDEC J-STD-020D standard-MSL, level 1.
2. Temperature and humidity conditions: Less than 40℃ and 60% RH.
3. Recommended products should be used within 12 months form the time of delivery.
4. The packaging material should be kept where no chlorine or sulfur exists in the air.
‧
Transportation
1. Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
2. The use of tweezers or vacuum pick up is strongly recommended for individual components.
3. Bulk handling should ensure that abrasion and mechanical shock are minimized.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com