Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5021 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5021
Description  AC-DC Current Mode PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5021 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5021 Datasheet HTML 1Page - National Semiconductor (TI) LM5021 Datasheet HTML 2Page - National Semiconductor (TI) LM5021 Datasheet HTML 3Page - National Semiconductor (TI) LM5021 Datasheet HTML 4Page - National Semiconductor (TI) LM5021 Datasheet HTML 5Page - National Semiconductor (TI) LM5021 Datasheet HTML 6Page - National Semiconductor (TI) LM5021 Datasheet HTML 7Page - National Semiconductor (TI) LM5021 Datasheet HTML 8Page - National Semiconductor (TI) LM5021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN to GND
-0.3V to 30V
VIN Clamp Continuous Current
5mA
CS to GND
-0.3V to 1.25V
RT to GND
-0.3V to 5.5V
All other pins to GND
-0.3V to 7.0V
ESD Rating (Note 2)
Human Body Model
2kV
Storage Temperature
-65˚C to +150˚C
Operating Junction Temperature
+150˚C
Operating Ratings (Note 1)
VIN Voltage (Note 5)
8V to 30V
Junction Temperature
-40˚C to +125˚C
Electrical Characteristics Specifications in standard type face are for T
J= +25˚C and those in boldface
type apply over the full Operating Junction Temperature Range. Unless otherwise specified: V
IN = 15V, RT = 44.2K
Ω.
(Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
STARTUP CIRCUIT
Start Up Current
Before VCC Enable
18
25
µA
VCC Regulator enable threshold
17
20
23
V
VCC Regulator disable
threshold
7.25
V
VIN ESD Clamp voltage
I = 5mA
30
36
40
V
I
VIN
Operating supply current
COMP = 0VDC
2.5
3.75
mA
VCC SUPPLY
Controller enable threshold
6.5
7
7.5
V
Controller disable threshold
5.3
5.8
6.3
V
VCC regulated output
No External Load
8
8.5
9
V
VCC dropout voltage (VIN -
VCC)
I=5mA
1.7
V
VCC regulator current limit
VCC = 7.5V (Note
4)
15
22
mA
SKIP CYCLE MODE COMPARATOR
Skip Cycle mode enable
threshold
1
⁄3 [COMP - 1.25V]
75
125
175
mV
Skip Cycle mode hysteresis
5
mV
CURRENT LIMIT
CS limit to OUT delay
CS stepped from 0
to 0.6V, time to OUT
transition low, C
load
=0.
35
ns
CS limit threshold
0.45
0.5
0.55
V
Leading Edge Blanking time
90
ns
CS blanking sinking impedance
35
55
Ω
SOFT-START
V
SS-OCV
SS pin open-circuit voltage
4.3
5.2
6.1
V
Soft-start Current Source
15
22
30
µA
Soft-start to COMP Offset
0.35
0.55
0.75
V
COMP sinking impedance
During SS ramp
60
Ω
OSCILLATOR
Frequency1 (RT = 44.2K)
135
150
165
kHz
Frequency2 (RT = 13.3K)
440
500
560
kHz
Sync threshold
2.4
3.2
3.8
V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com