Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5021 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5021
Description  AC-DC Current Mode PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5021 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM5021 Datasheet HTML 1Page - National Semiconductor (TI) LM5021 Datasheet HTML 2Page - National Semiconductor (TI) LM5021 Datasheet HTML 3Page - National Semiconductor (TI) LM5021 Datasheet HTML 4Page - National Semiconductor (TI) LM5021 Datasheet HTML 5Page - National Semiconductor (TI) LM5021 Datasheet HTML 6Page - National Semiconductor (TI) LM5021 Datasheet HTML 7Page - National Semiconductor (TI) LM5021 Datasheet HTML 8Page - National Semiconductor (TI) LM5021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical Characteristics Specifications in standard type face are for T
J= +25˚C and those in boldface type
apply over the full Operating Junction Temperature Range. Unless otherwise specified: V
IN = 15V, RT = 44.2K
Ω. (Note
3) (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PWM COMPARATOR
COMP to OUT delay
COMP set to 2V
CS stepped 0 to
0.4V, time to OUT
transition low, C
load
=0.
20
ns
Min Duty Cycle
COMP = 0V
0
%
Max Duty Cycle (-1 Device)
75
80
85
%
Max Duty Cycle (-2 Device)
50
%
COMP to PWM comparator gain
0.33
COMP Open Circuit Voltage
4.2
5.1
6
V
COMP at Max Duty Cycle
2.75
V
COMP Short Circuit Current
COMP = 0V
0.6
1.1
1.5
mA
SLOPE COMPENSATION
Slope Comp Amplitude
(LM5021-1 only)
CS pin to PWM
Comparator offset at
maximum duty cycle
70
90
110
mV
OUTPUT SECTION
OUT High Saturation
IOUT = 50mA, VCC
- OUT
0.6
1.1
V
OUT Low Saturation
IOUT = 100mA
0.3
1
V
Peak Source Current
OUT = VCC/2.
0.3
A
Peak Sink Current
OUT = VCC/2.
0.7
A
Rise time
C
load = 1nF
25
ns
Fall time
C
load = 1nF
10
ns
HICCUP MODE
V
OVLD
Over load detection threshold
COMP pin
V
SS-OCV – 0.8
V
SS-OCV – 0.6
V
SS-OCV– 0.4
V
V
HIC
Hiccup mode threshold
SS pin
V
SS-OCV – 0.8
V
SS-OCV – 0.6
V
SS-OCV– 0.4
V
V
RST
Hiccup mode Restart threshold
SS pin
0.1
0.3
0.5
V
I
DTCS
Dead-time current source
0.1
0.25
0.4
µA
I
OVCS
Overload detection timer current
source
6
10
14
µA
THERMAL RESISTANCE
θ
JA
MSOP-8 Junction to Ambient
0 LFM
200
˚C/W
θ
JA
MDIP-8 Junction to Ambient
0 LFM
107
˚C/W
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 3: Min and Max limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical
Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 4: Device thermal limitations may limit usable range.
Note 5: After initial turn-on at VIN = 20V.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com