Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5021 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5021
Description  AC-DC Current Mode PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5021 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5021 Datasheet HTML 1Page - National Semiconductor (TI) LM5021 Datasheet HTML 2Page - National Semiconductor (TI) LM5021 Datasheet HTML 3Page - National Semiconductor (TI) LM5021 Datasheet HTML 4Page - National Semiconductor (TI) LM5021 Datasheet HTML 5Page - National Semiconductor (TI) LM5021 Datasheet HTML 6Page - National Semiconductor (TI) LM5021 Datasheet HTML 7Page - National Semiconductor (TI) LM5021 Datasheet HTML 8Page - National Semiconductor (TI) LM5021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM5021
AC-DC Current Mode PWM Controller
General Description
The LM5021 off-line pulse width modulation (PWM) control-
ler contains all of the features needed to implement highly
efficient off-line single-ended flyback and forward power con-
verters using current-mode control. The LM5021 features
include an ultra-low (25 µA) start-up current, which mini-
mizes power losses in the high voltage start-up network. A
skip cycle mode reduces power consumption with light loads
for energy conserving applications (ENERGY STAR®,
CECP, etc.). Additional features include under-voltage lock-
out, cycle-by-cycle current limit, hiccup mode overload pro-
tection, slope compensation, soft-start and oscillator syn-
chronization capability. This high performance 8-pin IC has
total propagation delays less than 100nS and a 1MHz ca-
pable oscillator that is programmed with a single resistor.
Features
n
Ultra Low Start-up Current (25 µA maximum)
n
Current Mode Control
n
Skip Cycle Mode for Low Standby Power
n
Single Resistor Programmable Oscillator
n
Synchronizable Oscillator
n
Adjustable Soft-start
n
Integrated 0.7A Peak Gate Driver
n
Direct Opto-Coupler Interface
n
Maximum Duty Cycle Limiting (80% for LM5021-1 or
50% for LM5021-2)
n
Slope Compensation for (LM5021-1 Only)
n
Under Voltage Lockout (UVLO) with Hysteresis
n
Cycle-by-Cycle Over-Current Protection
n
Hiccup Mode for Continuous Overload Protection
n
Leading Edge Blanking of Current Sense Signal
n
Packages: MSOP-8 or MDIP-8
Simplified Application Diagram
20144201
May 2005
© 2005 National Semiconductor Corporation
DS201442
www.national.com


Similar Part No. - LM5021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5021 TI1-LM5021 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021 TI-LM5021 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021 TI-LM5021 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021 TI1-LM5021 Datasheet
1Mb / 24P
LM5021 AC-DC Current Mode PWM Controller
LM5021-1QDGKRQ1 TI-LM5021-1QDGKRQ1 Datasheet
4Mb / 34P
LM5021-Q1 AC-DC Current-Mode PWM Controller
More results

Similar Description - LM5021

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR2257 LRC-LR2257 Datasheet
408Kb / 8P
AC/DC Current Mode PWM power management controller
logo
Texas Instruments
LM5023 TI-LM5023 Datasheet
2Mb / 30P
AC-DC Quasi-Resonant Current Mode PWM Controller
LM5021MMX-2 TI1-LM5021MMX-2 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021MM-1 TI-LM5021MM-1 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021MM-2 TI-LM5021MM-2 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021MM-1 TI1-LM5021MM-1 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021 TI1-LM5021_14 Datasheet
1Mb / 24P
LM5021 AC-DC Current Mode PWM Controller
LM5021-Q1 TI-LM5021-Q1_15 Datasheet
4Mb / 34P
LM5021-Q1 AC-DC Current-Mode PWM Controller
LM5023 TI-LM5023_15 Datasheet
2Mb / 33P
AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023 TI1-LM5023_16 Datasheet
1Mb / 38P
AC-DC Quasi-Resonant Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com