Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P80-VMP6T Datasheet(PDF) 7 Page - STMicroelectronics

Part # M25P80-VMP6T
Description  8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P80-VMP6T Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M25P80-VMP6T Datasheet HTML 3Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 4Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 5Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 6Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 7Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 8Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 9Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 10Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7/41
M25P80
SPI MODES
These devices can be driven by a microcontroller
with its SPI peripheral running in either of the two
following modes:
–
CPOL=0, CPHA=0
–
CPOL=1, CPHA=1
For these two modes, input data is latched in on
the rising edge of Serial Clock (C), and output data
is available from the falling edge of Serial Clock
(C).
The difference between the two modes, as shown
in Figure 6., is the clock polarity when the bus
master is in Stand-by mode and not transferring
data:
–
C remains at 0 for (CPOL=0, CPHA=0)
–
C remains at 1 for (CPOL=1, CPHA=1)
Figure 5. Bus Master and Memory Devices on the SPI Bus
Note: The Write Protect (W) and Hold (HOLD) signals should be driven, High or Low as appropriate.
Figure 6. SPI Modes Supported
AI03746D
Bus Master
(ST6, ST7, ST9,
ST10, Others)
SPI Memory
Device
SDO
SDI
SCK
CQD
S
SPI Memory
Device
CQD
S
SPI Memory
Device
CQD
S
CS3
CS2
CS1
SPI Interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
W
HOLD
W
HOLD
W
HOLD
AI01438B
C
MSB
CPHA
D
0
1
CPOL
0
1
Q
C
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com