Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P80-VMP6T Datasheet(PDF) 1 Page - STMicroelectronics

Part # M25P80-VMP6T
Description  8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P80-VMP6T Datasheet(HTML) 1 Page - STMicroelectronics

  M25P80-VMP6T Datasheet HTML 1Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 2Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 3Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 4Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 5Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 6Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 7Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 8Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1/41
August 2004
M25P80
8 Mbit, Low Voltage, Serial Flash Memory
With 40MHz SPI Bus Interface
FEATURES SUMMARY
■
8 Mbit of Flash Memory
■
Page Program (up to 256 Bytes) in 1.4ms
(typical)
■
Sector Erase (512 Kbit) in 1s (typical)
■
Bulk Erase (8 Mbit) in 10s (typical)
■
2.7 to 3.6V Single Supply Voltage
■
SPI Bus Compatible Serial Interface
■
40MHz Clock Rate (maximum)
■
Deep Power-down Mode 1
µA (typical)
■
Electronic Signature (13h)
Figure 1. Packages
VDFPN8 (MP)
(MLP8)
SO16 (MF)
300 mil width
SO8 (MW)
200 mil width
8
1


Similar Part No. - M25P80-VMP6T

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25P80-VMP6TG NUMONYX-M25P80-VMP6TG Datasheet
994Kb / 52P
8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
M25P80-VMP6TP NUMONYX-M25P80-VMP6TP Datasheet
994Kb / 52P
8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
More results

Similar Description - M25P80-VMP6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40 Datasheet
262Kb / 40P
4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Aug-2004
M25P80 STMICROELECTRONICS-M25P80 Datasheet
218Kb / 35P
8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
05-Aug-2004
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
01-Oct-2004
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
STMicroelectronics
M25P20 STMICROELECTRONICS-M25P20 Datasheet
395Kb / 50P
2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Jun-2006
M25P64 STMICROELECTRONICS-M25P64_07 Datasheet
375Kb / 49P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
19-Jan-2007
M25P10-A STMICROELECTRONICS-M25P10-A_06 Datasheet
392Kb / 49P
1 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
05-Jun-2006
logo
AMIC Technology
A25L40P AMICC-A25L40P Datasheet
473Kb / 38P
4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
Numonyx B.V
M25P80 NUMONYX-M25P80 Datasheet
994Kb / 52P
8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com