Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P80-VMP6T Datasheet(PDF) 10 Page - STMicroelectronics

Part # M25P80-VMP6T
Description  8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P80-VMP6T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M25P80-VMP6T Datasheet HTML 6Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 7Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 8Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 9Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 10Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 11Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 12Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 13Page - STMicroelectronics M25P80-VMP6T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
M25P80
10/41
Hold Condition
The Hold (HOLD) signal is used to pause any se-
rial communications with the device without reset-
ting the clocking sequence. However, taking this
signal Low does not terminate any Write Status
Register, Program or Erase cycle that is currently
in progress.
To enter the Hold condition, the device must be
selected, with Chip Select (S) Low.
The Hold condition starts on the falling edge of the
Hold (HOLD) signal, provided that this coincides
with Serial Clock (C) being Low (as shown in Fig-
ure 7.).
The Hold condition ends on the rising edge of the
Hold (HOLD) signal, provided that this coincides
with Serial Clock (C) being Low.
If the falling edge does not coincide with Serial
Clock (C) being Low, the Hold condition starts af-
ter Serial Clock (C) next goes Low. Similarly, if the
rising edge does not coincide with Serial Clock (C)
being Low, the Hold condition ends after Serial
Clock (C) next goes Low. (This is shown in Figure
7.).
During the Hold condition, the Serial Data Output
(Q) is high impedance, and Serial Data Input (D)
and Serial Clock (C) are Don’t Care.
Normally, the device is kept selected, with Chip
Select (S) driven Low, for the whole duration of the
Hold condition. This is to ensure that the state of
the internal logic remains unchanged from the mo-
ment of entering the Hold condition.
If Chip Select (S) goes High while the device is in
the Hold condition, this has the effect of resetting
the internal logic of the device. To restart commu-
nication with the device, it is necessary to drive
Hold (HOLD) High, and then to drive Chip Select
(S) Low. This prevents the device from going back
to the Hold condition.
Figure 7. Hold Condition Activation
AI02029D
HOLD
C
Hold
Condition
(standard use)
Hold
Condition
(non-standard use)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com