Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAYT67F Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LAYT67F
Description  white P-LCC-4 package, colorless clear resin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAYT67F Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LAYT67F Datasheet HTML 8Page - OSRAM GmbH LAYT67F Datasheet HTML 9Page - OSRAM GmbH LAYT67F Datasheet HTML 10Page - OSRAM GmbH LAYT67F Datasheet HTML 11Page - OSRAM GmbH LAYT67F Datasheet HTML 12Page - OSRAM GmbH LAYT67F Datasheet HTML 13Page - OSRAM GmbH LAYT67F Datasheet HTML 14Page - OSRAM GmbH LAYT67F Datasheet HTML 15Page - OSRAM GmbH LAYT67F Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LAY T67F
2012-03-16
13
Barcode-Produkt-Etikett (BPL)
Barcode-Product-Label (BPL)Gurtverpackung
Gurtverpackung
Tape and Reel
Tape dimensions in mm (inch)
W
P
0
P
1
P
2
D
0
E
F
4
0.1
(0.157
0.004)
4
0.1
(0.157
0.004)
2
0.05
(0.079
0.002)
1.5
0.1
(0.059
0.004)
1.75
0.1
(0.069
0.004)
3.5
0.05
(0.138
0.002)
Reel dimensions in mm (inch)
A
W
N
min
W
1
W
2 max
180 (7)
8 (0.315)
60 (2.362)
8.4
2 (0.331
0.079)
14.4 (0.567)
330 (13)
8 (0.315)
60 (2.362)
8.4
2 (0.331
0.079)
14.4 (0.567)
OHA04614
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1016
(X) PROD NO:
11055131
(6P) BATCH NO:
1004109518
LRTBGFTG
6-LEAD MULTILED
RoHS Compliant
BIN1: U5-1-0-20
BIN2: V9-5-0-20
BIN3: S7-6-0-20
ML
4
Temp
ST
260 ˚C R
Pack: R33
DEMY
031
B_R999_1011.1241_R
4000
(Q)QTY:
Semiconductors
OSRAM Opto
U5-1-0+V9-5-0+S7-6-0
D
0
2
P
P
0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Gurtvorlauf:
Leader:
Trailer:
Gurtende:
Direction of unreeling
160 mm
160 mm
400 mm
400 mm
8 + 0.3
– 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com