Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWCQDP.EC Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LCWCQDP.EC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWCQDP.EC Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCWCQDP.EC Datasheet HTML 4Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 5Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 6Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 7Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 8Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 9Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 10Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 11Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
2012-10-29
8
Version 1.0
LCW CQDP.EC
6J
0.3524
0.3555
8P
0.4067
0.3982
5V
0.4428
0.3906
0.3536
0.3646
0.4097
0.4065
0.4477
0.3998
0.3608
0.3616
0.4164
0.4029
0.4483
0.3919
0.3625
0.3711
0.4198
0.4115
0.4534
0.4011
7J
0.3536
0.3646
5Q
0.4061
0.3773
6V
0.4477
0.3998
0.3548
0.3736
0.4095
0.3858
0.4526
0.4090
0.3625
0.3711
0.4147
0.3814
0.4534
0.4011
0.3642
0.3805
0.4185
0.3902
0.4585
0.4104
5K
0.3591
0.3522
6Q
0.4095
0.3858
7V
0.4526
0.4090
0.3608
0.3616
0.4130
0.3944
0.4576
0.4183
0.3670
0.3578
0.4185
0.3902
0.4585
0.4104
0.3692
0.3677
0.4223
0.3990
0.4636
0.4197
6K
0.3608
0.3616
7Q
0.4130
0.3944
8V
0.4576
0.4183
0.3625
0.3711
0.4164
0.4029
0.4625
0.4275
0.3692
0.3677
0.4223
0.3990
0.4636
0.4197
0.3714
0.3775
0.4261
0.4077
0.4688
0.4290
7K
0.3625
0.3711
8Q
0.4164
0.4029
5W
0.4483
0.3919
0.3642
0.3805
0.4198
0.4115
0.4534
0.4011
0.3714
0.3775
0.4261
0.4077
0.4538
0.3931
0.3736
0.3874
0.4299
0.4165
0.4591
0.4025
5L
0.3670
0.3578
5R
0.4147
0.3814
6W
0.4534
0.4011
0.3692
0.3677
0.4185
0.3902
0.4585
0.4104
0.3746
0.3624
0.4222
0.3840
0.4591
0.4025
0.3773
0.3726
0.4263
0.3929
0.4644
0.4118
6L
0.3692
0.3677
6R
0.4185
0.3902
7W
0.4585
0.4104
0.3714
0.3775
0.4223
0.3990
0.4636
0.4197
0.3773
0.3726
0.4263
0.3929
0.4644
0.4118
0.3799
0.3828
0.4305
0.4019
0.4697
0.4211
7L
0.3714
0.3775
7R
0.4223
0.3990
8W
0.4636
0.4197
0.3736
0.3874
0.4261
0.4077
0.4688
0.4290
0.3799
0.3828
0.4305
0.4019
0.4697
0.4211
0.3826
0.3931
0.4346
0.4108
0.4750
0.4304
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com