Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWCQDP.EC Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LCWCQDP.EC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWCQDP.EC Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LCWCQDP.EC Datasheet HTML 7Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 8Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 9Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 10Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 11Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 12Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 13Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 14Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Version 1.0
LCW CQDP.EC
2012-10-29
11
Relative Spectral Emission - V(λ) = Standard eye response curve 4) page 26 , 1) page 26
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 4) Seite 26, 1) Seite 26
Φe rel = f (λ); TS = 25 °C; IF = 350 mA
Radiation Characteristics 4) page 26
Abstrahlcharakteristik 4) Seite 26
Irel = f (ϕ); TS = 25 °C
OHL05362
350
400
450
500
550
600
650
700
750
800
λ[nm]
0.0
0.2
0.4
0.6
0.8
1.0
Φrel
: white
: Vλ
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0° 10° 20° 30° 40° 50° 60° 70° 80° 90° 100°
ϕ [°]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0 Ιrel
: 0°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com