Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWCQDP.EC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCWCQDP.EC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWCQDP.EC Datasheet(HTML) 1 Page - OSRAM GmbH

  LCWCQDP.EC Datasheet HTML 1Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 2Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 3Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 4Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 5Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 6Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 7Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 8Page - OSRAM GmbH LCWCQDP.EC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
2012-10-29
1
2012-10-29
OSLON SSL 150
Datasheet
Version 1.0
LCW CQDP.EC
Small size high flux LED for slim designs (between 100
mA and 800 mA constant current). 94 lm (typ.), 84
lm/W (typ.) at 350 mA (4000 K).
Kompakte Lichtquelle für platzsparende Designs (für
konstanten Strom zwischen 100 mA und 800 mA). 94
lm (typ.), 84 lm/W (typ.) at 350 mA (4000 K).
Features:
Besondere Merkmale:
• Package: SMT ceramic package with silicone
resin and silicone lens.
• Gehäusetyp: SMT-Keramikgehäuse mit
Silikonverguss und -linse
• Technology: ThinGaN (UX:3)
• Technologie: ThinGaN (UX:3)
• Color: warm and neutral white; CTR = 2700 K -
5000 K; CRI (min) = 80*; CRI (typ.) = 82
• Farbe: warm- und neutralweiß; CTR = 2700 K -
5000 K; CRI (min) = 80*; CRI (typ.) = 82
• ESD - withstand voltage: 8 kV acc. to
JESD22-A114-F
• ESD - Festigkeit: 8 kV nach JESD22-A114-F
• Corrosion Robustness: Superior Corrosion
Robustness
• Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
• Viewing angle at 50 % IV: 150°
• Abstrahlwinkel bei 50 % IV: 150°
• Lumen Maintenance: Test results according to
IESNA LM-80 available
• Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
• retrofits and fixtures
• Retrofits
• Accent and Effect Lighting
• Akzent- und Effektbeleuchtung
• spot lights
• Spot-Leuchten
• professional downlights
• Professionelle Downlights
• task lights
• Schreibtischleuchten
• shop lighting
• Ladenbeleuchtung
* CRI (min) = 77 for 2700 K
* CRI (min) = 77 für 2700 K


Similar Part No. - LCWCQDP.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWCQDP.CC OSRAM-LCWCQDP.CC Datasheet
1Mb / 27P
SMT ceramic package with silicone resin and silicone lens
More results

Similar Description - LCWCQDP.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCS8PM1.EM OSRAM-GWCS8PM1.EM Datasheet
1Mb / 25P
SMT ceramic package with silicone resin and silicone lens
GWCSSRM1.BM OSRAM-GWCSSRM1.BM Datasheet
1Mb / 25P
SMT ceramic package with silicone resin and silicone lens
GF-CS8PM2.24 OSRAM-GF-CS8PM2.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
GF-CSHPM1.24 OSRAM-GF-CSHPM1.24 Datasheet
378Kb / 22P
SMT ceramic package with silicone resin and silicone lens
GH-CSSRM2.24 OSRAM-GH-CSSRM2.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
LA-CP7P OSRAM-LA-CP7P Datasheet
884Kb / 20P
SMT ceramic package with silicone resin and silicone lens
LA-CPDP OSRAM-LA-CPDP Datasheet
1Mb / 23P
SMT ceramic package with silicone resin and silicone lens
LD-CQDP OSRAM-LD-CQDP Datasheet
1Mb / 23P
SMT ceramic package with silicone resin and silicone lens
GW-CSSRM2.PM OSRAM-GW-CSSRM2.PM Datasheet
2Mb / 25P
SMT ceramic package with silicone resin and silicone lens
LUW-CQ7P OSRAM-LUW-CQ7P Datasheet
1Mb / 26P
SMT ceramic package with silicone resin and silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com