Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWCRDP.CC Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LCWCRDP.CC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWCRDP.CC Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LCWCRDP.CC Datasheet HTML 2Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 3Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 4Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 5Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 6Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 7Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 8Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 9Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
2013-06-15
6
Version 1.2
LCW CRDP.CC
Chromaticity Coordinate Groups 7) page 26
Farbortgruppen 7) Seite 26
5J
5K
6J
6K
7J
7K
8J
8K
5L
5M
5N
6L
6M
6N
7L
7M
7N
8L
8M
8N
5O
5P
5Q
6O
6P
6Q
7O
7P
7Q
8O
8P
8Q
9O
9P
9Q
5R
5S
5T
6R
6S
6T
7R
7S
7T
8R
8S
8T
9R
9S
9T
5U 5V
5W 5X
6U 6V
6W
6X
7U 7V
7W
7X
8U 8V
8W
8X
9U
9V
9W
9X
45
00
K
40
00
K
350
0K
3000
K
2700K
2500 K
3000 K
3500 K
4000 K
4500 K
5000 K
0.340
0.360
0.380
0.400
0.420
0.440
0.340
0.360
0.380
0.400
0.420
0.440
0.460
0.480
Cx
Cy
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
450
460
470
475
480
485
490
495
500
505
510
515
520
525
530
540
550
560
570
580
590
600
610
630
700
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
Cx
Cy
Coordinates in reference to CIE 1931 (cx cy)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com