Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWCRDP.CC Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LCWCRDP.CC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWCRDP.CC Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LCWCRDP.CC Datasheet HTML 8Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 9Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 10Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 11Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 12Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 13Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 14Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 15Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
2013-06-15
12
Version 1.2
LCW CRDP.CC
Forward Current 6) page 26
Durchlassstrom 6) Seite26
IF = f (VF); TS = 25 °C
Relative Luminous Flux 6) page 26 , 8) page 26
Relativer Lichtstrom 6) Seite26 , 8) Seite 26
V/ V(350 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 6) page 26
Farbortverschiebung 6) Seite 26
Cx, Cy = f(IF); TS = 25 °C
OHL06021
2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
100
200
300
400
500
600
700
800
I (mA)
F
V (V)
F
OHL06049
0.0
0.5
1.0
1.5
2.0
I (mA)
F
ΦV
Φ
V (350 mA)
OHL06089
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
ΔCy
ΔCx
: ΔCx
: ΔCy
I (mA)
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com