Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWCRDP.CC Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LCWCRDP.CC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWCRDP.CC Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LCWCRDP.CC Datasheet HTML 9Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 10Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 11Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 12Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 13Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 14Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 15Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 16Page - OSRAM GmbH LCWCRDP.CC Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Version 1.2
LCW CRDP.CC
2013-06-15
13
Relative Forward Voltage 6) page26
Relative Vorwärtsspannung 6) Seite 26
VF = VF - VF(25°C) = f(Tj); IF = 350 mA
Relative Luminous Flux 6) page 26
Relative Lichtstrom 6) Seite 26
V/ V(25 °C) = f(Tj); IF = 350 mA
Chromaticity Coordinate Shift 6) page 26
Farbortverschiebung 6) Seite 26
Cx, Cy = f(Tj); IF = 350 mA
OHL06174
-40
-20
0
20
40
60
80
100 120
Tj (°C)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
ΔVF (V)
OHL06070
-40 -20 0 20 40 60 80 100 120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
T (°C)
j
ΦV
Φ
V (25 °C)
OHL06101
-40 -20 0 20 40 60 80 100 120
0.41
0.42
0.43
0.44
0.45
: Cx
: Cy
Cx
Cy
T (°C)
j
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com