Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90313 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MLX90313
Description  Programmable IR Sensor Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90313 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MLX90313 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
MLX90313
Programmable IR Sensor Interface
MLX90313 Programmable IR sensor Interface
Page 2
Rev 1.0 21-July-2001
3901090313
MLX90313 Electrical Specifications
DC Operating Parameters TA = -40
oC to 125oC, V
DD = 4.5V to 80V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Regulator and consumption
Supply voltage range
Vin1
VDD1
7
80
V
Supply voltage range
Vin
VDD
4.5
5
5.5
V
Supply current
Idd
@ Ta=25
°C
55.6
mA
Regulated supply voltage
Vreg
VDD, 10uF ext. cap
4.7
5
5.3
V
Regulated voltage temperature
coefficient
TCvr
-2.35
mV/
°
POR threshold voltage
Vpor
1.1
1.3
1.5
V
Band-gap reference
Analog ground voltage
Agnd
2.3
2.5
2.7
V
Analog ground thermal coefficient TCbg
15
50
µV/°
Reference current mirror load
drive voltage
Vcref
1.8
2
2.2
V
IR-chain amplifier and output driver
Common mode input range
CMIR
-0.1
Vdd-3
V
Common mode rejection ratio
CMRR
f
≤ 100kHz
Rsens < 60k
Ω *
75
dB
Power supply rejection ratio
PSSR
f
≤ 100kHz
75
dB
Available gain settings
Air
55
5500
V/V
Gain tolerance
δGir
-6.5
+6.5
%
Amplifier offset
Voff
4
µV
Input referred white noise
Vnir
rms-value
25
nV/
√Hz
Chopper frequency
fc
8
KHz
Output voltage range
IROUT
0
Vdd-
0.2
V
Output source current
Iod
IROUT
1
mA
Output sink current
Ios
IROUT
20
µA
DC Output impedance, drive
rod
IROUT
10
Ω
DC Output impedance, sink
ros
IROUT
100
Ω
Capacitive load IROUT pin
Cmax
IROUT
50
pF
Amplifier bandwidth
BW
500
Hz
Temp-chain amplifier and output driver
Common mode input range
CMIR
0.1
Vdd-
3V
V
Common mode rejection ratio
CMRR
f
≤ 100kHz
75
dB
Power supply rejection ratio
PSSR
f
≤ 100kHz
75
dB
TINP bias current
Itpb
bias current enabled
1/7
.1
iCref*
Available gain settings
Atemp
1
40
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com