Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90313 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MLX90313
Description  Programmable IR Sensor Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90313 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MLX90313 Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 12Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 13Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 14Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 15Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 16Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
MLX90313
Programmable IR Sensor Interface
MLX90313 Programmable IR sensor Interface
Page 13
Rev 1.0 21-July-2001
3901090313
AGND
DAC
IRout
Tout
DACREF
ENDREFDIV
ENDREFDIV
SELDR(2:0)
VREFP
IRout, Tout
DAC configuration
Output drivers
The IROUT and TEMPOUT outputs can be connected to various signals available: The amplified analog
signals (IRINP-IRINN and TINP-TINN), the linearised object respectively ambient temperature signals, or
to the comparator circuitry. The IROUT and TEMPOUT pin drivers can source 1mA and sink 20
µA and
are reverse voltage protected down to –5V relative to VSS. The available configurations are described in
table below.
Input/Output Setting
I/O pin
IROUT
TEMPOUT
Control
Bits
IROUTC[1:0]
Configuration
TOUTC[1:0]
Configuration
00b
IR-chain out
00b
Temp-chain out
01b
Linear Tobject
01b
Linear Tambient
10b
Threshold Rel1 input
10b
Comp1 out
Setting
11b
PWM out
11b
PWM out
REL1 is an open drain relay driver output controlled by the on-chip comparator circuitry. The available
configurations are described in the section on the comparator circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com