Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90313 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MLX90313
Description  Programmable IR Sensor Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90313 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MLX90313 Datasheet HTML 17Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 18Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 19Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 20Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 21Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 22Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 23Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 24Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
MLX90313
Programmable IR Sensor Interface
MLX90313 Programmable IR sensor Interface
Page 21
Rev 1.0 21-July-2001
3901090313
Eeprom Description
MLX90313 contains 128 x 16 EEPROM memory. The memory can be accessed through the serial
interface. The 11 most significant bits are data bits and the 5 less significant bits are control bits used for
the Error Check and Correction system (ECC). After POR the ASIC reads the full eeprom contents,
checks it and corrects the single errors (1 wrong bit per address). If higher order error is discovered then
the bit ‘fatal error’ will be set (see Confreg1 description in previous section).
The memory has two levels of protection. After POR the write access to the eeprom will be disabled. The
external unit can remove this level of protection writing proper data in WP register. In this case all
addresses in range 08-77h will be available for write access. The first and last 8 addresses will still be
disabled. The write access to these cells is available only if the write protection is removed and the chip is
in test mode.
Eeprom map overview
Address list eeprom
Address
Write access
Register name
Function
Dec
Hex
IRGAIN1
IR-chain settings
0
00h
test mode**
IRGAIN2
IR-chain settings
1
01h
test mode
TEMPGAIN
Temp-chain settings
2
02h
test mode
CONFREG1
Configuration
3
03h
test mode
CONFREG2
Configuration
4
04h
test mode
OSCCTRL
Oscillator control
5
05h
test mode
BGCTRL
Bandgap control
6
06h
test mode
LPF
Low Pass Filter
7
07h
test mode
CALIBRATION
Look up table
linearisation.
8-111
08h-6Fh
WP*
IOS-TEMP
Initial offset Temp-chain
112
70h
WP
IOS-IR
Initial offset IR-chain
113
71h
WP
RESERVED
114
72h
WP
THCOMP1
Threshold for comparator
Comp1
115
73h
WP
HSCOMP1
Hysteresis for comparator
Comp1
116
74h
WP
THREL1
Threshold for comparator
of Rel1
117
75h
WP
HSREL1
Hysteresis for comparator
of Rel1
118
76h
WP
RESERVED
119
77h
CHIP-ID
Data
120-127
78h-7Fh
test mode
*WP: Write access to EEprom is controlled by the content of the internal register WP
**Test mode: Write access controlled by the internal register WP and only available in test mode
The last 8 addresses 0x78 to 0x7F are free to use for the user. They can hold some calibration data or
identification number. All data programmed into the eeprom must pass the error checking. Therefore, one
must add 5 hamming bits to the eeprom data, in the 5 least significant bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com