Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECWS2LN Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LECWS2LN
Description  compact lightsource in multi chip SMT technology with silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECWS2LN Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LECWS2LN Datasheet HTML 2Page - OSRAM GmbH LECWS2LN Datasheet HTML 3Page - OSRAM GmbH LECWS2LN Datasheet HTML 4Page - OSRAM GmbH LECWS2LN Datasheet HTML 5Page - OSRAM GmbH LECWS2LN Datasheet HTML 6Page - OSRAM GmbH LECWS2LN Datasheet HTML 7Page - OSRAM GmbH LECWS2LN Datasheet HTML 8Page - OSRAM GmbH LECWS2LN Datasheet HTML 9Page - OSRAM GmbH LECWS2LN Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2011-07-25
6
LE CW S2LN
Farbtemperatur 2700 K
Color temperature 2700K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
5U
0.437
0.389
6V
0.448
0.400
7W
0.459
0.410
0.442
0.398
0.453
0.409
0.464
0.420
0.448
0.400
0.459
0.410
0.470
0.421
0.443
0.391
0.453
0.401
0.464
0.412
6U
0.442
0.398
7V
0.453
0.409
8W
0.464
0.420
0.447
0.408
0.458
0.418
0.469
0.429
0.453
0.409
0.464
0.420
0.475
0.430
0.448
0.400
0.459
0.410
0.470
0.421
7U
0.447
0.408
8V
0.458
0.418
5X
0.454
0.393
0.451
0.417
0.462
0.427
0.459
0.402
0.458
0.418
0.469
0.429
0.465
0.404
0.453
0.409
0.464
0.420
0.459
0.394
8U
0.451
0.417
5W
0.448
0.392
6X
0.459
0.402
0.456
0.426
0.453
0.401
0.464
0.412
0.462
0.427
0.459
0.402
0.470
0.413
0.458
0.418
0.454
0.393
0.465
0.404
5V
0.443
0.391
6W
0.453
0.401
7X
0.464
0.412
0.448
0.400
0.459
0.410
0.470
0.421
0.453
0.401
0.464
0.412
0.476
0.423
0.448
0.392
0.459
0.402
0.470
0.413
Farbtemperatur 3000 K
Color temperature 3000 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
5R
0.415
0.381
5S
0.422
0.384
5T
0.430
0.387
0.419
0.390
0.426
0.393
0.434
0.396
0.426
0.393
0.434
0.396
0.442
0.398
0.422
0.384
0.430
0.387
0.437
0.389
6R
0.419
0.390
6S
0.426
0.393
6T
0.434
0.396
0.422
0.399
0.430
0.402
0.439
0.405
0.430
0.402
0.439
0.405
0.447
0.408
0.426
0.293
0.434
0.396
0.442
0.398
7R
0.422
0.399
7S
0.430
0.402
7T
0.439
0.405
0.426
0.408
0.435
0.411
0.443
0.414
0.435
0.411
0.443
0.414
0.451
0.417
0.430
0.402
0.439
0.405
0.447
0.408
8R
0.426
0.408
8S
0.435
0.411
8T
0.443
0.414
0.430
0.417
0.439
0.420
0.447
0.423
0.439
0.420
0.447
0.423
0.456
0.426
0.435
0.411
0.443
0.414
0.451
0.417



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com