Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECWS2LN Datasheet(PDF) 15 Page - OSRAM GmbH

Part # LECWS2LN
Description  compact lightsource in multi chip SMT technology with silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECWS2LN Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button LECWS2LN Datasheet HTML 11Page - OSRAM GmbH LECWS2LN Datasheet HTML 12Page - OSRAM GmbH LECWS2LN Datasheet HTML 13Page - OSRAM GmbH LECWS2LN Datasheet HTML 14Page - OSRAM GmbH LECWS2LN Datasheet HTML 15Page - OSRAM GmbH LECWS2LN Datasheet HTML 16Page - OSRAM GmbH LECWS2LN Datasheet HTML 17Page - OSRAM GmbH LECWS2LN Datasheet HTML 18Page - OSRAM GmbH LECWS2LN Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
LE CW S2LN
2011-07-25
15
Maßzeichnung
6) Seite 22
Package Outlines6) page 22
Gewicht / Approx. weight:
82 mg
Korrosionsfestigkeit besser als EN 60068-2-60 (method 4):
mit erweitertem Korrosionstest: 40°C / 90%rh / 15ppm H2S / 336h
Corrosion robustness better than EN 60068-2-60 (method 4):
with enhanced corrosion test: 40°C / 90%rh / 15ppm H2S / 336h
Anm.:
Der Hersteller übernimmt keine Haftung für Applikationen mit hoher Luftfeuchte (beispielsweise Aussenbeleuchtung)
Note:
Manufacturer disclaims all liability for applications in high humidity levels as it may appear in outdoor applications
Humidity Robustness
Test
Conditions
Duration
Failure criteria
Wet High Temperature
Operating Life Test (WHTOL)
85°C/85%RH, I
F = 50mA
500h (cycled)
-
∆PhiV > 30%
-catastrophic failure
Chip-Position:
1-4: ultra white
Pin-Assignment:
P1:
Anode; Chip 1
P2:
Cathode; Chip 1
P3:
Anode; Chip 2
P4:
Cathode; Chip 2
P5:
Cathode; Chip 3
P6:
Anode; Chip 3
P7:
Cathode; Chip 4
P8:
Anode; Chip 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com