Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHGBT686 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LHGBT686
Description  white P-LCC-4 package, higher contrast by a black surface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LHGBT686 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LHGBT686 Datasheet HTML 6Page - OSRAM GmbH LHGBT686 Datasheet HTML 7Page - OSRAM GmbH LHGBT686 Datasheet HTML 8Page - OSRAM GmbH LHGBT686 Datasheet HTML 9Page - OSRAM GmbH LHGBT686 Datasheet HTML 10Page - OSRAM GmbH LHGBT686 Datasheet HTML 11Page - OSRAM GmbH LHGBT686 Datasheet HTML 12Page - OSRAM GmbH LHGBT686 Datasheet HTML 13Page - OSRAM GmbH LHGBT686 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LHGB T686
2005-03-03
10
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
green/hyper-red (1 Chip on)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
green/hyper-red (1 Chip on)
OHL01686
s
10-5
10-4
10-3
10-2
10-1
100
101
t
D
I
T
T
P
F
tP
=
D = 0.005
0.01
0.02
0.05
0.2
0.5
DC
10 1
5
I
F
t
2
10
0.1
p
10 3
mA
-5
10
0.2
0.1
0.005
0.02
mA
OHL00104
0.5
10
0
p
t
IF
D =
-4
10
-3
10
-2
10
-1
10
0
10
1
10
s
1
10
2
10
3
10
P
D
T
P
t
=
t
T
F
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com