Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHGBT686 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LHGBT686
Description  white P-LCC-4 package, higher contrast by a black surface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LHGBT686 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LHGBT686 Datasheet HTML 9Page - OSRAM GmbH LHGBT686 Datasheet HTML 10Page - OSRAM GmbH LHGBT686 Datasheet HTML 11Page - OSRAM GmbH LHGBT686 Datasheet HTML 12Page - OSRAM GmbH LHGBT686 Datasheet HTML 13Page - OSRAM GmbH LHGBT686 Datasheet HTML 14Page - OSRAM GmbH LHGBT686 Datasheet HTML 15Page - OSRAM GmbH LHGBT686 Datasheet HTML 16Page - OSRAM GmbH LHGBT686 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
LHGB T686
2005-03-03
13
Maßzeichnung
8) Seite 19
Package Outlines
8) page 19
Gewicht / Approx. weight:
35 mg
Gurtung / Polarität und Lage
8) Seite 19
Verpackungseinheit 8000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8) page 19
Packing unit 8000/reel, ø330 mm
14
23
Package marking
GPLY6900
2.6 (0.102)
2.1 (0.083)
2.3 (0.091)
3.0 (0.118)
0.8 (0.031)
0.6 (0.024)
0.1 (0.004) typ
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
1.7 (0.067)
2.1 (0.083)
0.9 (0.035)
0.7 (0.028)
C
A
C
C
Circuit Diagram
1
Cathode
Hyper-red(H)
2
Anode
H, G, B
3
Cathode
Blue (B)
4
Cathode
Green (G)
OHAY0095
4 (0.157)
2.9 (0.114)
1.5 (0.059)
4 (0.157)
2 (0.079)
CA
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com