Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2276 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2276
Description  8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2276 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2276 Datasheet HTML 13Page - Monolithic Power Systems MP2276 Datasheet HTML 14Page - Monolithic Power Systems MP2276 Datasheet HTML 15Page - Monolithic Power Systems MP2276 Datasheet HTML 16Page - Monolithic Power Systems MP2276 Datasheet HTML 17Page - Monolithic Power Systems MP2276 Datasheet HTML 18Page - Monolithic Power Systems MP2276 Datasheet HTML 19Page - Monolithic Power Systems MP2276 Datasheet HTML 20Page - Monolithic Power Systems MP2276 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
MP2276
– 16V, 8A, HIGH EFFICIENCY, SYNC, STEP-DOWN CONVERTER
MP2276 Rev.1.0
www.MonolithicPower.com
17
3/22/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Over-Voltage Protection (OVP)
The MP2276 monitors the output voltage using
FB connected to the tap of a resistor divider to
detect an over-voltage condition. If VFB exceeds
116% of VREF, OVP is triggered. The controller
enters a dynamic regulation period. During this
period, the low-side negative current limit
increases to -8A. The LS-FET remains on until
it triggers the low-side negative current limit.
After hitting the low-side negative current limit,
the LS-FET is turned off momentarily for 80ns
and is then turned on again. This discharges
the output to keep it within the normal range.
The MP2276 exits this regulation period when
VFB falls below 102.5% of VREF.
Over-Temperature Protection (OTP)
The MP2276 has over-temperature protection
(OTP).
The
IC
monitors
the
junction
temperature
internally.
If
the
junction
temperature
exceeds
the
threshold
value
(typically 150°C), the converter shuts off. There
is a hysteresis of about 20°C. Once the junction
temperature drops to about 130°C, soft start is
initiated.
Power Good (PG)
The MP2276 has a power good (PG) output.
PG is the open drain of a MOSFET. Connect
PG to VCC or another external voltage source
less than 3.6V through a pull-up resistor
(typically 100
kΩ). After applying the input
voltage, the MOSFET turns on so that PG is
pulled to GND before the internal soft-start
voltage is ready. After VFB reaches 92.5% of
VREF, PG is pulled high after a 1ms delay.
When VFB drops to 80% of VREF (UV) or
exceeds 116% of VREF (OV), PG is pulled low.
Once VFB rises back to its nominal voltage
window (rises to 92.5% of VREF for UV, drops to
102.5% of VREF for OV), PG goes high again.
If the input supply fails to power the MP2276,
PG is pulled low, even though it is tied to an
external DC source through a pull-up resistor.
The relationship between the PG voltage and
the pull-up current is shown in Figure 5.
Figure 5: PG Clamped Voltage vs. Pull-Up
Current
Enable (EN) Configuration
The MP2276 turns on when EN goes high. The
MP2276 turns off when EN goes low. EN
cannot be left floating for proper operation. EN
can be driven by an analog or digital control
logic signal to enable or disable the MP2276.
EN is clamped internally using a 4V series
Zener diode (see Figure 6). Connect the EN
input through a pull-up resistor to VIN to limit
the EN input current to
less than 100μA to
prevent damage to the Zener diode. For
example, if connecting a 300k
Ω pull-up resistor
to 16VIN, then IZener = (16V - 4V) / 300kΩ =
40µA.
The MP2276 provides accurate EN thresholds,
so a resistor divider from VIN to AGND can be
used to program the input voltage at which the
MP2276
is
enabled.
This
is
highly
recommended for applications where there is
no dedicated EN control logic signal to avoid
possible UVLO bouncing during power-up and
power-down. The resistor divider values can be
determined with Equation (5):
DOWN
DOWN
UP
EN
START
IN
R
R
R
VIH
V
V
)
(
_
(5)
Where VIHEN is 1.21V, typically. RUP and RDOWN
should be chosen to limit the EN input current
below
100μA.
EN
Logic
EN
GND
1.7kΩ
4V
Figure 6: Zener Diode between EN and GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com