Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2276 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2276
Description  8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2276 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2276 Datasheet HTML 8Page - Monolithic Power Systems MP2276 Datasheet HTML 9Page - Monolithic Power Systems MP2276 Datasheet HTML 10Page - Monolithic Power Systems MP2276 Datasheet HTML 11Page - Monolithic Power Systems MP2276 Datasheet HTML 12Page - Monolithic Power Systems MP2276 Datasheet HTML 13Page - Monolithic Power Systems MP2276 Datasheet HTML 14Page - Monolithic Power Systems MP2276 Datasheet HTML 15Page - Monolithic Power Systems MP2276 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MP2276
– 16V, 8A, HIGH EFFICIENCY, SYNC, STEP-DOWN CONVERTER
MP2276 Rev.1.0
www.MonolithicPower.com
12
3/22/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 14
PGND
System ground. PGND is the reference ground of the regulated output voltage.
PGND requires careful consideration during PCB layout. Connect using wide PCB
traces.
2, 11
SW
Switch output. Connect SW to the inductor and bootstrap capacitor. SW is driven
up to VIN by the high-side switch during the on-time of the PWM duty cycle. The
inductor current drives SW negative during the off-time. Connect using wide PCB
traces.
3
VIN
Supply voltage. VIN supplies power to the internal MOSFET and regulator.
Decouple the input rail with an input capacitor. Connect using wide PCB traces and
multiple vias.
4
ILIM
Current limit. Connect a resistor from ILIM to ground to set the current limit trip
point.
5
EN
Enable. EN is a digital input that turns the regulator on or off. Drive EN high to turn
on the regulator; drive EN low to turn off the regulator. Connect EN to VIN through
a pull-up resistor or a resistive voltage divider for automatic start-up. Do not float
EN.
6
FB
Feedback. An external resistor divider from the output to GND tapped to FB sets
the output voltage. Place the resistor divider as close to FB as possible. Vias
should be avoided on the FB traces.
7
AGND
Analog ground. Select AGND as the control circuit reference point.
8
SS/TRK
External tracking voltage input. The output voltage tracks this input signal.
Decouple SS/TRK with a ceramic capacitor as close to it as possible. Ceramic
capacitors with X7R or X5R grade dielectrics are recommended for their stable
temperature characteristics. The capacitance of this capacitor determines the soft-
start time. See the Soft Start section on page 15 for details.
9
PG
Power good output. PG is an open-drain signal. A pull-up resistor connected to a
DC voltage is required to indicate high if the output voltage is within regulation.
There is a delay of about 1ms from the time FB
≥ 92.5% to PG pulling high.
10
BST
Bootstrap. Connect a capacitor between SW and BST to form a floating supply
across the high-side switch driver.
12
FREQ/MODE
Operation mode selection. Program FREQ/MODE to select CCM or pulse-skip
mode and the operating switching frequency. See Table 1 on page 15 for details.
13
VCC
Internal 3V LDO output. VCC supplies power to the driver and control circuits.
Decouple VCC with a minimum 1µF ceramic capacitor as close to it as possible.
Ceramic capacitors with X7R or X5R grade dielectrics are recommended for their
stable temperature characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com