Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2276 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2276
Description  8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2276 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2276 Datasheet HTML 15Page - Monolithic Power Systems MP2276 Datasheet HTML 16Page - Monolithic Power Systems MP2276 Datasheet HTML 17Page - Monolithic Power Systems MP2276 Datasheet HTML 18Page - Monolithic Power Systems MP2276 Datasheet HTML 19Page - Monolithic Power Systems MP2276 Datasheet HTML 20Page - Monolithic Power Systems MP2276 Datasheet HTML 21Page - Monolithic Power Systems MP2276 Datasheet HTML 22Page - Monolithic Power Systems MP2276 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MP2276
– 16V, 8A, HIGH EFFICIENCY, SYNC, STEP-DOWN CONVERTER
MP2276 Rev.1.0
www.MonolithicPower.com
21
3/22/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
EN
FB
BST
VIN
PG
SW
Vin
MP2276
PGND
Vout
VCC
FREQ/
MODE
AGND
C3
1µF
L1
1µH
R2
8.06kΩ
SS/TRK
EN
PG
C1A
10µF
C1B
1µF
C4
1µF
R5
300kΩ
R4
100kΩ
C6
1.5nF
R1
2kΩ
GND
C2B
47µF
C2A
47µF
1V
Ext. Ref
(Optional)
ILIM
R3
3.6kΩ
C5
3
5
9
13
12
1,14
7
4
8
6
2,11
10
C1
10µF
R7
30.1kΩ
R10
243kΩ
R8
60.4kΩ
R9
121kΩ
Jumper
15nF
R6
NS
Figure 8: VIN = 4V - 16V, VOUT = 1V, IOUT = 8A, FSW = 600kHz
EN
FB
BST
VIN
PG
SW
Vin
MP2276
PGND
Vout
VCC
FREQ/
MODE
AGND
C3
1µF
L1
1µH
R2
4.02kΩ
SS/TRK
EN
PG
C1A
10µF
C1B
1µF
C4
1µF
R5
300kΩ
R4
100kΩ
C6
1.5nF
R1
2kΩ
GND
C2B
47µF
C2A
47µF
1.2V
Ext. Ref
(Optional)
ILIM
R3
3.6kΩ
C5
3
5
9
13
12
1,14
7
4
8
6
2,11
10
C1
10µF
R7
30.1kΩ
R10
243kΩ
R8
60.4kΩ
R9
121kΩ
Jumper
15nF
R6
NS
Figure 9: VIN = 4V - 16V, VOUT = 1.2V, IOUT = 8A, FSW = 600kHz
EN
FB
BST
VIN
PG
SW
Vin
MP2276
PGND
Vout
VCC
FREQ/
MODE
AGND
C3
1µF
L1
1.5µH
R2
8.06kΩ
SS/TRK
EN
PG
C1A
10µF
C1B
1µF
C4
1µF
R5
300kΩ
R4
100kΩ
C6
300pF
R1
10kΩ
GND
C2B
47µF
C2A
47µF
1.8V
Ext. Ref
(Optional)
ILIM
R3
3.6kΩ
C5
3
5
9
13
12
1,14
7
4
8
6
2,11
10
C1
10µF
R7
30.1kΩ
R10
243kΩ
R8
60.4kΩ
R9
121kΩ
Jumper
15nF
R6
NS
Figure 10: VIN = 4V - 16V, VOUT = 1.8V, IOUT = 8A, FSW = 600kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com