Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2313 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2313
Description  High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2313 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2313 Datasheet HTML 7Page - Monolithic Power Systems MP2313 Datasheet HTML 8Page - Monolithic Power Systems MP2313 Datasheet HTML 9Page - Monolithic Power Systems MP2313 Datasheet HTML 10Page - Monolithic Power Systems MP2313 Datasheet HTML 11Page - Monolithic Power Systems MP2313 Datasheet HTML 12Page - Monolithic Power Systems MP2313 Datasheet HTML 13Page - Monolithic Power Systems MP2313 Datasheet HTML 14Page - Monolithic Power Systems MP2313 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP2313 – 24V, 1A SYNC STEP DOWN CONVERTER
MP2313 Rev. 1.0
www.MonolithicPower.com
11
9/1/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
The MP2313 is a high frequency synchronous
rectified step-down switch mode converter with
built in internal power MOSFETs. It offers a
very compact solution to achieve 1A continuous
output current over a wide input supply range
with excellent load and line regulation.
The MP2313 operates in a fixed frequency,
peak current control mode to regulate the
output voltage. A PWM cycle is initiated by the
internal clock. The integrated high-side power
MOSFET is turned on and remains on until its
current reaches the value set by the COMP
voltage. When the power switch is off, it
remains off until the next clock cycle starts. If, in
83% of one PWM period, the current in the
power MOSFET does not reach the COMP set
current value, the power MOSFET will be
forced to turn off.
Internal Regulator
Most of the internal circuitries are powered from
the 5V internal regulator. This regulator takes
the VIN input and operates in the full VIN range.
When VIN is greater than 5.0V, the output of
the regulator is in full regulation. When VIN is
lower than 5.0V, the output decreases, a 0.1uF
ceramic capacitor for decoupling purpose is
required.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal 0.8V reference (REF) and
outputs a COMP voltage, which is used to
control the power MOSFET current. The
optimized
internal
compensation
network
minimizes the external component counts and
simplifies the control loop design.
AAM Operation
The
MP2313
has
AAM
(Advanced
Asynchronous Modulation) power-save mode
for light load. Connect a resistor from AAM pin
to GND to set AAM voltage. Under the heavy
load condition, the VCOMP is higher than VAAM.
When the clock goes high, the high-side power
MOSFET turns on and remains on until VILsense
reaches the value set by the COMP voltage.
The internal clock resets every time when VCOMP
is higher than VAAM.
Under the light load condition, the value of
VCOMP is low. When VCOMP is less than VAAM and
VFB is less than VREF, VCOMP ramps up until it
exceeds VAAM. During this time, the internal
clock is blocked, thus the MP2313 skips some
pulses for PFM (Pulse Frequency Modulation)
mode and achieves the light load power save.
Figure 2: Simplified AAM Control Logic
Enable control
EN is a digital control pin that turns the
regulator on and off. Drive EN high to turn on
the regulator, drive it low to turn it off. There is
an internal 1MEG resistor from EN to GND thus
EN can be floated to shut down the chip. Also
EN pin voltage was clamped to around 6.5V by
an internal zener-diode. Please use large
enough pull up resistor connecting between VIN
and EN to limit the EN input current which
should be less than 100uA. Generally, around
100k resistor should be large enough for all the
applications.
For example, with 12V connected to Vin,
RPULLUP ≥ (12V – 6.5V) ÷ 100µA = 55kΩ.
Connecting the EN pin is directly to a voltage
source without any pullup resistor requires
limiting the amplitude of the voltage source to
≤
6V to prevent damage to the Zener diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com