Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2313 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2313
Description  High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2313 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2313 Datasheet HTML 8Page - Monolithic Power Systems MP2313 Datasheet HTML 9Page - Monolithic Power Systems MP2313 Datasheet HTML 10Page - Monolithic Power Systems MP2313 Datasheet HTML 11Page - Monolithic Power Systems MP2313 Datasheet HTML 12Page - Monolithic Power Systems MP2313 Datasheet HTML 13Page - Monolithic Power Systems MP2313 Datasheet HTML 14Page - Monolithic Power Systems MP2313 Datasheet HTML 15Page - Monolithic Power Systems MP2313 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP2313 – 24V, 1A SYNC STEP DOWN CONVERTER
MP2313 Rev. 1.0
www.MonolithicPower.com
12
9/1/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Figure 3: 6.5V Zener Diode Connection
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented
to protect the chip from operating at insufficient
supply voltage. The MP2313 UVLO comparator
monitors the output voltage of the internal
regulator, VCC. The UVLO rising threshold is
about 3.9V while its falling threshold is
consistent 3.25V.
Internal Soft-Start
The soft start is implemented to prevent the
converter output voltage from overshooting
during start up. When the chip starts, the
internal circuitry generates a soft-start voltage
(SS) ramping up from 0V. The soft-start period
lasts until the voltage on the soft-start capacitor
exceeds the reference voltage of 0.8V. At this
point the reference voltage takes over. The soft-
start time is internally set to be around 1.5ms.
Over-Current-Protection and Hiccup
The MP2313 has cycle-by-cycle over current
limit when the inductor current peak value
exceeds the set current limit threshold.
Meanwhile, output voltage starts to drop until
FB is below the Under-Voltage (UV) threshold,
typically 50% below the reference. Once a UV
is triggered, the MP2313 enters hiccup mode to
periodically restart the part. This protection
mode is especially useful when the output is
dead-short to ground. The average short circuit
current is greatly reduced to alleviate the
thermal issue and to protect the regulator. The
MP2313 exits the hiccup mode once the over
current condition is removed.
Thermal Shutdown
Thermal shutdown is implemented to prevent
the chip from operating at exceedingly high
temperatures. When the silicon die temperature
is higher than 150°C, it shuts down the whole
chip. When the temperature is lower than its
lower threshold, typically 130°C, the chip is
enabled again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered
by an external bootstrap capacitor. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.2V with a
hysteresis of 150mV. The bootstrap capacitor
voltage is regulated internally by VIN through
D1, R5, C5, L1 and C2 (Figure 4). If (VIN-VSW)
is more than 5V, U2 will regulate M3 to maintain
a 5V BST voltage across C5.
Figure 4: Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The
reference block starts first, generating stable
reference voltage and currents, and then the
internal regulator is enabled. The regulator
provides stable supply for the remaining
circuitries.
Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In the shutdown
procedure, the signaling path is first blocked to
avoid any fault triggering. The COMP voltage
and the internal supply rail are then pulled down.
The floating driver is not subject to this
shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com