Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2313 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2313
Description  High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2313 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2313 Datasheet HTML 1Page - Monolithic Power Systems MP2313 Datasheet HTML 2Page - Monolithic Power Systems MP2313 Datasheet HTML 3Page - Monolithic Power Systems MP2313 Datasheet HTML 4Page - Monolithic Power Systems MP2313 Datasheet HTML 5Page - Monolithic Power Systems MP2313 Datasheet HTML 6Page - Monolithic Power Systems MP2313 Datasheet HTML 7Page - Monolithic Power Systems MP2313 Datasheet HTML 8Page - Monolithic Power Systems MP2313 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP2313
High Efficiency 1A, 24V, 2MHz
Synchronous Step Down Converter
MP2313 Rev. 1.0
www.MonolithicPower.com
1
9/1/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2313 is a high frequency synchronous
rectified step-down switch mode converter with
built-in internal power MOSFETs. It offers a
very compact solution to achieve 1A continuous
output current over a wide input supply range
with excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Full protection features include OCP and
thermal shut down.
The MP2313 requires a minimum number of
readily available standard external components
and is available in a space saving TSOT23-8
package.
FEATURES
• Wide 4.5V to 24V Operating Input Range
• 1A Load Current
• 110mΩ/50mΩ Low Rds(on) Internal Power
MOSFETs
• Low Quiescent Current
• High Efficiency Synchronous Mode
Operation
• Fixed 2MHz Switching Frequency
• AAM Power Save Mode
• Internal Soft Start
• OCP Protection and Hiccup
• Thermal Shutdown
• Output Adjustable from 0.8V
• Available in a TSOT23-8 package
APPLICATIONS
• Notebook Systems and I/O Power
• Digital Set Top Boxes
• Flat Panel Television and Monitors
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2313

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2313GJ MPS-MP2313GJ Datasheet
324Kb / 6P
High Efficiency,24V,1A,2MHz,Synchronous Step-Down Converter Evaluation Board
More results

Similar Description - MP2313

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
5A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
6A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2312 MPS-MP2312 Datasheet
665Kb / 20P
24V, 2.1A High Efficiency Synchronous Step-down Converter
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP8765 MPS-MP8765 Datasheet
1Mb / 21P
24V, 6A High Efficiency Synchronous Step-down Converter
EV2313-J-00A MPS-EV2313-J-00A Datasheet
324Kb / 6P
High Efficiency,24V,1A,2MHz,Synchronous Step-Down Converter Evaluation Board
EV2318-J-00A MPS-EV2318-J-00A Datasheet
236Kb / 6P
High Efficiency,24V,2A,2MHz,Synchronous Step-Down Converter Evaluation Board
NB634 MPS-NB634 Datasheet
349Kb / 13P
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com