Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M56733AFP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M56733AFP
Description  3-PHASE BRUSHLESS MOTOR CONTROL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56733AFP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M56733AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56733AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56733AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56733AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-PHASE BRUSHLESS MOTOR CONTROL
M56733AFP
MITSUBISHI <CONTROL / DRIVER IC>
DESCRIPTION
The M56733AFP is a semiconductor integrated circuit designed as
a single chip controller for the FDD spindle motor. The IC is
equipped with a power amplifier, hole amplifier, FG amplifier,
oscillator, speed discriminator, and various types of protection
circuits.
Equipped with MOD pin that enables 3-speed switching with a
single pin, the M56733AFP is very convenient to make system
compact.
FEATURES
qProvided with digital servo enabling high precision, high stability
and non-adjustment.
q3-speed switching function with a pin .................................. MOD
q Enable two systems .......................................................... EN•EN
qIO (peak)=1.0A
qLow capacitance of dumping capacitor
APPLICATION
FDD spindle motor (5")
RECOMMENDED OPERATING CONDITIONS
Supply voltage ................................................. 10.8 – 12.0 – 13.2 V
Oscillation frequency .......................................................... 492 kHz
Maximum output current ..................................................... 800 mA
FG amplifier input signal level .............................. 5 mVp-p or more
BLOCK DIAGRAM
PIN CONFIGURATION (TOP VIEW)
Outline 36P2R-D
36
33
34
35
1
4
3
2
32
5
31
6
28
9
27
10
26
11
25
12
13
14
24
23
7
8
30
29
15
22
16
21
17
20
18
19
OSCIN
GND
HB
VCC
FGMoni
FGIN+
MOD
OSCOUT
EN
EN
FGIN–
FLT
DSCOUT
GND
U
V
HV+
RF
HV–
HW+
HW–
HU–
ERRIN–
ERROUT
W
HU+
31
RF
36
U
35
V
34
W
33
HU+
32
HU–
24
HV+
23
HV–
22
HW+
21
3
FG–
4
FG+
LOGIC
TSD
FG
CTL
VREF
VREF
OVSD
17
FLT
20
ERROUT
19
ERRIN(–)
18
DSCOUT
GND
16 MOD
HW–
2
Hall
Bias
6
EN
13
EN
5
FG
(Monitor)
14
OSCIN
15
OSCOUT
OSC
1 / N
DISCRIMINATOR
ERR
EN
CONTROL
1
VCC
7
12
25
30


Similar Part No. - M56733AFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
3-Phase Brushless Motor Driver
More results

Similar Description - M56733AFP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
3-Phase Brushless Motor Driver
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
3-Phase Brushless Motor Driver???
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
3-Phase Brushless Motor Driver????
LB1822 SANYO-LB1822 Datasheet
112Kb / 5P
3-phase Brushless Motor Predriver with Digital Speed Control
logo
Mitsubishi Electric Sem...
M51785P MITSUBISHI-M51785P Datasheet
300Kb / 7P
3 PHASE BRUSHLESS MOTOR CONTROL
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
3-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
3-phase Brushless Motor Driver
November 2014 - Rev. 1
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
3-phase Brushless Motor Driver
May, 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com