Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2321 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2321
Description  19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2321 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2321 Datasheet HTML 12Page - Monolithic Power Systems MP2321 Datasheet HTML 13Page - Monolithic Power Systems MP2321 Datasheet HTML 14Page - Monolithic Power Systems MP2321 Datasheet HTML 15Page - Monolithic Power Systems MP2321 Datasheet HTML 16Page - Monolithic Power Systems MP2321 Datasheet HTML 17Page - Monolithic Power Systems MP2321 Datasheet HTML 18Page - Monolithic Power Systems MP2321 Datasheet HTML 19Page - Monolithic Power Systems MP2321 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MP2321 – 19V, 2A, LOW IQ, STEP-DOWN CONVERTER
MP2321 Rev. 1.0
www.MonolithicPower.com
16
10/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage. First, choose a value for R2. R2
should be chosen reasonably, since a small R2
leads to considerable quiescent current loss,
but a large R2 makes the FB noise sensitive.
Then R1 can be determined with Equation (11):
OUT
REF
REF
VV
R1
R2
V

(11)
Where VREF is 0.6V, typically. The feedback
circuit is shown in Figure 8.
Figure 8: Feedback Network
Table 2 lists recommended resistor values for
common output voltages.
Table 2: Resistor Selection for Common Output
Voltages
(10)
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.0
27
40.2
1.2
40.2
40.2
1.5
60.4
40.2
1.8
80.6
40.2
2.5
127
40.2
3.3
182
40.2
5
294
40.2
NOTE:
10) The feedback resistors in Table 2 are optimized for 500kHz of
switching frequency. The detailed schematics are shown in
the typical application circuit section.
Setting the Frequency
Set forced PWM mode switching frequency by
connecting a resistor (R6) from VIN to
FREQ/MODE and leaving R7 not stuffed (NS)
(see Figure 9). Refer to the MODE Selection
section on page 12 for more detail.
Determine
R6
with
Equation
(12):

6
Delay _ PWM
IN
SW
IN
Vo 10
T
(ns)
V
0.4
F(kHz) V
R6(k )
14.5





(12)
Where TDelay_PWM is about 15ns.
Figure 9: R6 vs. Forced PWM Mode Switching
Frequency
Set the auto PFM/PWM mode switching
frequency by connecting a resistor (R7) from
FREQ/MODE pin to ground and leaving R6 not
stuffed (NS) (see Figure 10). Determine R7 with
Equation (13):

6
Delay _ PFM
IN
SW
IN
Vo 10
T
(ns)
V
0.4
F(kHz) V
R7(k )
13





(13)
Where TDelay_PFM is about 10ns.
Figure 10: R7 vs. Auto PFM/PWM Mode
Switching Frequency
Equation (12) and Equation (13) show the
typical switching frequency calculation formulas.
The actually frequency changes slightly at
different load currents and different input
voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com