Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2321 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2321
Description  19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2321 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2321 Datasheet HTML 6Page - Monolithic Power Systems MP2321 Datasheet HTML 7Page - Monolithic Power Systems MP2321 Datasheet HTML 8Page - Monolithic Power Systems MP2321 Datasheet HTML 9Page - Monolithic Power Systems MP2321 Datasheet HTML 10Page - Monolithic Power Systems MP2321 Datasheet HTML 11Page - Monolithic Power Systems MP2321 Datasheet HTML 12Page - Monolithic Power Systems MP2321 Datasheet HTML 13Page - Monolithic Power Systems MP2321 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MP2321 – 19V, 2A, LOW IQ, STEP-DOWN CONVERTER
MP2321 Rev. 1.0
www.MonolithicPower.com
10
10/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1, 12
GND
System ground. GND is the reference ground for the regulated output voltage. GND
requires special consideration during PCB layout.
2, 13
SW
Switch output. Connect SW using wide PCB traces.
3, 14
VIN
Supply voltage. The MP2321 operates from a 4V to 19V input rail. A capacitor (C1) is
needed to decouple the input rail. Use wide PCB traces and multiple vias to make the
connection.
4
FREQ/MODE
Frequency set during CCM operation. Connect a resistor to VIN to set the switching
frequency and operate the MP2321 in forced PWM mode. Connect a resistor to GND to
set the switching frequency and operate the MP2321 in auto PFM/PWM mode. Do not
float FREQ/MODE.
5
PG
Power good output. The output of PG is an open drain that goes high if the FB voltage
is within 90% to 110% of VREF. There is a 140µs delay when PG goes high.
6
SS
Soft start. Connect a capacitor across SS and GND to set the soft-start time to avoid
start-up inrush current.
7
FB
Feedback. FB sets the output voltage when connected to the tap of an external resistor
divider connected between the output and GND.
8
CR
Internal ramp adjust. Connect a capacitor from VOUT to CR to adjust the internal ramp
amplitude. This can be used to improve transient performance.
9
EN
Enable. Set EN = 1 to enable the MP2321. For automatic start-up, connect EN to VIN
with a pull-up resistor.
10
BST
Bootstrap. Connect a capacitor between SW and BST to form a floating supply across
the high-side switch driver.
11
VCC
Internal bias supply. VCC is an internal 5V LDO output. Decouple VCC with a 1µF
ceramic capacitor placed as close to VCC as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com