Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2321 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2321
Description  19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2321 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2321 Datasheet HTML 1Page - Monolithic Power Systems MP2321 Datasheet HTML 2Page - Monolithic Power Systems MP2321 Datasheet HTML 3Page - Monolithic Power Systems MP2321 Datasheet HTML 4Page - Monolithic Power Systems MP2321 Datasheet HTML 5Page - Monolithic Power Systems MP2321 Datasheet HTML 6Page - Monolithic Power Systems MP2321 Datasheet HTML 7Page - Monolithic Power Systems MP2321 Datasheet HTML 8Page - Monolithic Power Systems MP2321 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MP2321
19V, 2A, 40µA IQ, High-Efficiency,
Constant-On-Time, Step-Down Converter
in a QFN (2mmx3mm) Package
MP2321 Rev. 1.0
www.MonolithicPower.com
1
10/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2321 is a fully-integrated, high-efficiency,
synchronous, step-down, switch-mode converter
with 40μA of quiescent current. The MP2321
achieves 2A of continuous output current over a
wide input supply range with excellent load and line
regulation and can operate with high efficiency over
a wide output current load range. The MP2321 is
optimized for battery-operated applications and
applications requiring high light-load efficiency.
With constant-on-time (COT) control, the MP2321
provides very fast transient response, easy loop
design, and very tight output regulation.
Full
protection
features
include
short-circuit
protection (SCP), over-current protection (OCP),
under-voltage
protection
(UVP),
and
thermal
shutdown.
The MP2321 requires a minimal number of readily
available, standard, external components and is
available in a space-saving QFN-14 (2mmx3mm)
package.
FEATURES
 4V to 19V Operating Input Range
 2A Output Current
 40μA Quiescent Current
 Output Adjustable from 0.6V
 110mΩ/40mΩ High-Side/Low-Side RDS(ON)
for Internal Power MOSFETs
 Power Good Indicator
 Programmable Soft-Start Time
 Forced PWM or Auto PFM/PWM Mode
Selectable
 Programmable Switching Frequency
 Thermal Shutdown
 Short-Circuit Protection: Hiccup Mode
 Available
in
a
QFN-14
(2mmx3mm)
Package
APPLICATIONS
 Tablet PCs
 Solid State Drives
 Gaming
 Battery-Operated Applications
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10


Similar Part No. - MP2321

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2321 MPS-MP2321 Datasheet
1Mb / 24P
19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
5/24/2019 Rev. 1.1
MP2321GD MPS-MP2321GD Datasheet
1Mb / 24P
19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
5/24/2019 Rev. 1.1
MP2321GD-P MPS-MP2321GD-P Datasheet
1Mb / 24P
19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
5/24/2019 Rev. 1.1
MP2321GD-Z MPS-MP2321GD-Z Datasheet
1Mb / 24P
19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
5/24/2019 Rev. 1.1
MP2321 MPS-MP2321_V01 Datasheet
1Mb / 24P
19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
5/24/2019 Rev. 1.1
More results

Similar Description - MP2321

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9181 MPS-MP9181 Datasheet
815Kb / 19P
High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
logo
Texas Instruments
TPS62097-Q1 TI1-TPS62097-Q1 Datasheet
318Kb / 20P
2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62097-Q1 TI1-TPS62097-Q1_18 Datasheet
1Mb / 28P
2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
logo
Monolithic Power System...
MP2145 MPS-MP2145 Datasheet
1Mb / 19P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2147 MPS-MP2147 Datasheet
712Kb / 19P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2326 MPS-MP2326 Datasheet
1Mb / 25P
19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
MP2316 MPS-MP2316 Datasheet
1Mb / 25P
19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
EV2145-D-00A MPS-EV2145-D-00A Datasheet
552Kb / 8P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EV2147-D-00A MPS-EV2147-D-00A Datasheet
496Kb / 8P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EV2316-D-00A MPS-EV2316-D-00A Datasheet
883Kb / 9P
3A, 19V, Constant-On-Time Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com