Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4575 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP4575
Description  5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4575 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP4575 Datasheet HTML 13Page - Monolithic Power Systems MP4575 Datasheet HTML 14Page - Monolithic Power Systems MP4575 Datasheet HTML 15Page - Monolithic Power Systems MP4575 Datasheet HTML 16Page - Monolithic Power Systems MP4575 Datasheet HTML 17Page - Monolithic Power Systems MP4575 Datasheet HTML 18Page - Monolithic Power Systems MP4575 Datasheet HTML 19Page - Monolithic Power Systems MP4575 Datasheet HTML 20Page - Monolithic Power Systems MP4575 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
MP4575
– 5A, 55V, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4575 Rev. 1.0
www.MonolithicPower.com
17
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Switching Frequency
The MP4575 has an externally adjustable
frequency. The switching frequency (fSW) can be
set using a resistor at FREQ (RFREQ). Table 1
shows recommended RFREQ values for various
fSW values. Refer to the fSW vs. RFREQ curve in
the Typical Characteristics section on page 8
for more detailed values.
Table 1: fSW vs. RFREQ
fSW (kHz)
RFREQ (kΩ)
1000
47.5
900
56
800
63.4
700
73.2
600
84.5
500
102
400
133
300
178
200
261
100
523
Setting the Output Voltage
A resistive voltage divider from the output
voltage to FB sets the output voltage. The
voltage divider divides the output voltage down
to the feedback voltage by the ratio shown in
Equation (3):
FB
OUT
R2
V =V
R1+R2
(3)
Calculated the output voltage with Equation (4):
OUT
FB
R1+R2
V
=V
R2
(4)
For example, if R1
is 10kΩ, then R2 can be
calculated with Equation (5):
k
Ω
1
V
10
R2
OUT
(5)
So for a 3.3V output voltage, R1
is 10kΩ, and
R1 is 4.32
kΩ.
Selecting the Inductor
The inductor provides a constant current to the
output load while being driven by the switched
input voltage. A larger-value inductor results in
a lower ripple current and lower output ripple
voltage, but also is physically larger, has a
higher series resistance, and lower saturation
current.
To
determine
the
inductance,
allow
the
inductor’s peak-to-peak ripple current to equal
approximately 30% of the maximum switch
current limit. Ensure that the peak inductor
current is less than the maximum switch current
limit. The inductance value can be calculated
with Equation (6):


IN
OUT
L
SW
OUT
V
V
1
ΔI
f
V
L1
(6)
Where VOUT is the output voltage, VIN is the
input voltage, fS is the switching frequency, and
∆IL is the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor
current
can
be
calculated
with
Equation (7):


IN
OUT
SW
OUT
LOAD
LP
V
V
1
L1
f
2
V
I
I
(7)
Where ILOAD is the load current.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous and requires a capacitor to
supply AC current to the step-down converter
while maintaining the DC input voltage. Use
capacitors
with
low
equivalent
series
resistances (ESR) for the best performance.
Ceramic capacitors are preferred, but tantalum
or low-ESR electrolytic capacitors may also be
sufficient.
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current. The input capacitor
(C1) can be electrolytic, tantalum, or ceramic.
When using electrolytic or tantalum capacitors,
place a small, high-quality, ceramic capacitor
(0.1μF) as close to the IC as possible. When
using ceramic capacitors, ensure that they have
enough capacitance to provide a sufficient
charge to prevent excessive voltage ripple at
the input. The input voltage ripple caused by
capacitance can be approximated with Equation
(8):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com