Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4575 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4575
Description  5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4575 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4575 Datasheet HTML 1Page - Monolithic Power Systems MP4575 Datasheet HTML 2Page - Monolithic Power Systems MP4575 Datasheet HTML 3Page - Monolithic Power Systems MP4575 Datasheet HTML 4Page - Monolithic Power Systems MP4575 Datasheet HTML 5Page - Monolithic Power Systems MP4575 Datasheet HTML 6Page - Monolithic Power Systems MP4575 Datasheet HTML 7Page - Monolithic Power Systems MP4575 Datasheet HTML 8Page - Monolithic Power Systems MP4575 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MP4575
– 5A, 55V, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4575 Rev. 1.0
www.MonolithicPower.com
2
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION
OFF ON
VIN
EN
SS VDD GND
FB
BST
SW
C1
L1
C6
C7
C5
R1
C2
R2
MP4575
FREQ
COMP
R3
R4
C3
PG
VDD
R5
BIAS
5V_EX or NC
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com