Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4575 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4575
Description  5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4575 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4575 Datasheet HTML 8Page - Monolithic Power Systems MP4575 Datasheet HTML 9Page - Monolithic Power Systems MP4575 Datasheet HTML 10Page - Monolithic Power Systems MP4575 Datasheet HTML 11Page - Monolithic Power Systems MP4575 Datasheet HTML 12Page - Monolithic Power Systems MP4575 Datasheet HTML 13Page - Monolithic Power Systems MP4575 Datasheet HTML 14Page - Monolithic Power Systems MP4575 Datasheet HTML 15Page - Monolithic Power Systems MP4575 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MP4575
– 5A, 55V, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4575 Rev. 1.0
www.MonolithicPower.com
12
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
COMP
Compensation network setting. Connect an external resistor in series with a
capacitor between COMP and GND.
2
FB
Feedback. FB is the input to the PWM comparator. Place an external resistor
divider between the output and GND.
3
FREQ
Switching frequency setting. Connect a resistor from FREQ to GND to set the
switching frequency. If an external synchronous clock is applied to FREQ, the
converter follows this clock
’s frequency.
4
EN
Enable input. Pull EN below the specified threshold to shut down the MP4575.
There is no internal pull-up or pull-down circuit. Do not float EN.
5
BST
Bootstrap. BST is the positive power supply for the internal floating high-side
MOSFET driver. Connect a capacitor between BST and SW.
6, 7, 8
VIN
Input supply. VIN supplies power to all of the internal control circuitries and VDD
regulator. A decoupling capacitor to ground must be placed close to VIN to
minimize switching spikes.
9, 12
NC
No connection. Leave NC floating.
10, 11
SW
Switch node. SW is the output node from the internal high-side MOSFET source.
13, 14, 15,
Exposed Pad
GND
Power ground for the internal power MOSFETs.
16
VDD
Power for the internal MOSFET driver and BST charging circuit.
17
BIAS
Optional supply for the internal circuit. For better thermal performance, connect
BIAS to an external 5V source. VDD and the internal circuit are powered by BIAS.
Since there is a diode between BIAS and the internal circuit, leave BIAS floating or
connect it to GND if BIAS is not used.
18
PG
Power good indicator. Connect a resistor to a pull-up power source if used.
19
SS
Optional external soft-start time setting. Connect an external capacitor between
SS and GND to set the soft-start time externally. Float SS to activate the internal
0.5ms soft-start setting.
20
AGND
Ground for internal logic and signal circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com