Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8719 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8719
Description  26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8719 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8719 Datasheet HTML 1Page - Monolithic Power Systems MP8719 Datasheet HTML 2Page - Monolithic Power Systems MP8719 Datasheet HTML 3Page - Monolithic Power Systems MP8719 Datasheet HTML 4Page - Monolithic Power Systems MP8719 Datasheet HTML 5Page - Monolithic Power Systems MP8719 Datasheet HTML 6Page - Monolithic Power Systems MP8719 Datasheet HTML 7Page - Monolithic Power Systems MP8719 Datasheet HTML 8Page - Monolithic Power Systems MP8719 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MP8719 – 26V, 12A, HIGH-CURRENT, SYNC BUCK CONVERTER WITH ±1A LDO
MP8719 Rev1.01
www.MonolithicPower.com
4
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, 3V3 = 3.3V, TJ = 25°C, RMODE = 0Ω, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
3V3 supply current in normal
mode
I3V3
VEN1 = VEN2 = 3V, no load
185
µA
3V3 supply current in S3 mode
I3V3_S3
VEN1 = 0V, VEN2 = 3V,
no load
135
µA
3V3 shutdown current
I3V3 SDN
VEN1 = VEN2 = 0V, no load
1
µA
MOSFET
High-side switch on resistance
HSRDS-ON
TJ = 25°C
19.5
mΩ
Low-side switch on resistance
LSRDS-ON
TJ = 25°C
6.6
mΩ
Switch leakage
SWLKG
VEN = 0V, VSW = 0V
0
1
μA
Current Limit
Low-side valley current limit
ILIMIT
12
13
14
A
Switching Frequency and Minimum Off Time
Switching frequency
FS
RMODE = 0Ω
700
kHz
RMODE = 150kΩ
500
kHz
Constant on timer
TON
VIN = 6V, VOUT = 3V,
RMODE = 150kΩ
1100
1200
1300
ns
Minimum on time
(6)
TON MIN
70
ns
Minimum off time
(6)
TOFF MIN
300
ns
Ultrasonic Mode (USM)
Ultrasonic mode operation period
TUSM
VFB = 0.62V
32
µs
Protection
OVP threshold
VOVP
125
130
135
%VREF
UVP-1 threshold
VUVP-1
70%
75%
80%
VREF
UVP-1 foldback timer
(6)
TUVP-1
30
µs
UVP-2 threshold
VUVP-2
45%
50%
55%
VREF
Reference and Soft Start, Soft Stop
Reference voltage
VREF
594
600
606
mV
Feedback current
IFB
VFB = 0.62V
10
50
nA
Soft-start time
TSStart
EN to PG up
1.8
2.2
2.6
ms
Soft-stop time
TSStop
2
ms
Enable (EN) and Under-Voltage Lockout (UVLO)
EN1 rising threshold
VEN1 TH
0.54
0.59
0.64
V
EN1 hysteresis
VEN1-HYS
125
mV
EN2 rising threshold
VEN2 TH
1.12
1.22
1.32
V
EN2 hysteresis
VEN2-HYS
125
mV
Enable input current
IEN1/2
VEN1/2 = 2V
5
μA
VEN1/2 = 0V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com