Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8719 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8719
Description  26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8719 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8719 Datasheet HTML 8Page - Monolithic Power Systems MP8719 Datasheet HTML 9Page - Monolithic Power Systems MP8719 Datasheet HTML 10Page - Monolithic Power Systems MP8719 Datasheet HTML 11Page - Monolithic Power Systems MP8719 Datasheet HTML 12Page - Monolithic Power Systems MP8719 Datasheet HTML 13Page - Monolithic Power Systems MP8719 Datasheet HTML 14Page - Monolithic Power Systems MP8719 Datasheet HTML 15Page - Monolithic Power Systems MP8719 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MP8719 – 26V, 12A, HIGH-CURRENT, SYNC BUCK CONVERTER WITH ±1A LDO
MP8719 Rev1.01
www.MonolithicPower.com
12
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
As the output current increases from light-load
condition, the current modulation regulation
time period becomes shorter. The HS-FET is
turned
on
more
frequently,
making
the
switching frequency increase. The output
current reaches the critical level when the
current modulator time is zero. The critical level
of the output current is determined with
Equation (1):
IN
S
OUT
OUT
IN
Critical
_
OUT
V
F
L
V
)
V
V
(
I
2
(1)
The MP8719 enters PWM mode once the
output current exceeds the critical level.
Afterward, the switching frequency remains
fairly constant over the output current range.
Jitter and FB Ramp
Jitter occurs in both PWM and skip mode when
noise in the VFB ripple propagates a delay to the
HS-FET driver (see Figure 4 and Figure 5).
Jitter affects system stability, with noise
immunity proportional to the steepness of VFB’s
downward slope, so the jitter in DCM is usually
larger than it is in CCM. However, VFB ripple
does not affect noise immunity directly.
V
RE F
V
FB
HS D river
VNOISE
J itter
V
S L O PE1
Figure 4: Jitter in PWM Mode
V
FB
HS D river
Jitter
V
REF
V
SL O P E 2
VNOISE
Figure 5: Jitter in Skip Mode
Operating
without
External
Ramp
Compensation
The
traditional
COT
control
scheme
is
intrinsically unstable if the output capacitor’s
ESR is not large enough to act as an effective
current-sense
resistor.
Usually,
ceramic
capacitors cannot be used directly as output
capacitors.
The
MP8719
has
built-in
internal
ramp
compensation to ensure that the system is
stable, even without the help of the output
capacitor’s ESR. Use the pure ceramic
capacitor solution, which reduces the output
ripple, total BOM cost, and board area
significantly.
Figure 6 shows a typical output circuit in PWM
mode without an external ramp circuit. Refer to
the Application Information section on page 16
for design steps without external compensation.
Figure 6: Simplified Output Circuit
When using a large capacitor (e.g.: OSCON) on
the output, add a >10µF ceramic capacitor in
parallel to minimize the effect of ESL.
Operating
with
External
Ramp
Compensation
Usually, the MP8719 is able to support ceramic
output capacitors without an external ramp.
However in some cases, the internal ramp may
not be enough to stabilize the system, or there
is too much jitter, which requires external ramp
compensation.
Refer
to
the
Application
Information section on page 16 for design steps
with external ramp compensation.
VTT and VTTREF
The MP8719 integrates high performance, low
dropout linear regulators (VTT and VTTREF) to
provide
complete
DDR3/DDR3L
power
solutions.
The
VTTREF
has
a
10mA
sink/source current capability and always tracks
half of VDDQ with ±1% accuracy using an on-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com