Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8719 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8719
Description  26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8719 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8719 Datasheet HTML 9Page - Monolithic Power Systems MP8719 Datasheet HTML 10Page - Monolithic Power Systems MP8719 Datasheet HTML 11Page - Monolithic Power Systems MP8719 Datasheet HTML 12Page - Monolithic Power Systems MP8719 Datasheet HTML 13Page - Monolithic Power Systems MP8719 Datasheet HTML 14Page - Monolithic Power Systems MP8719 Datasheet HTML 15Page - Monolithic Power Systems MP8719 Datasheet HTML 16Page - Monolithic Power Systems MP8719 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MP8719 – 26V, 12A, HIGH-CURRENT, SYNC BUCK CONVERTER WITH ±1A LDO
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP8719 Rev. 1.01
www.MonolithicPower.com
13
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
chip divider. A minimum 0.22μF ceramic
capacitor must be connected close to the
VTTREF terminal for stable operation.
VTT responds quickly to track VTTREF with
±30mV in all conditions. The current capability
of the VTT regulator is up to 1A for both sink
and source modes. A minimum 22μF ceramic
capacitor must be connected close to the VTT
terminal. VTTS should be connected to the
positive node of the remote VTT output
capacitor as a separate trace from the high-
current line to VTT.
Configuring the EN Control
The MP8719 has two enable pins to turn the
internal regulators on or off (EN1, EN2). When
EN1 and EN2 are high, VDDQ, VTTREF and
VTT are turned on. When EN1 is low and EN2
is high, VDDQ and VTTREF remain on while
VTT is turned off and left at a high-impedance
state (Hi-Z). The VTT output floats and does not
sink or source current in this state. When EN1
and EN2 are low, all of the regulators remain off
and discharge to GND through a soft
shutdown(see Table 1).
Table 1: EN1/EN2 Control
EN1
EN2
VDDQ VTTREF VTT
High
High
On
On
On
Low
High
On
On
Off (Hi-Z)
Low
Low
Off
Off
Off
High
Low
Off
Off
Off
Ultrasonic Mode (USM)
Ultrasonic mode (USM) is designed to keep the
switching
frequency
above
an
audible
frequency area during light-load or no-load
conditions. Once the part detects that both the
HS-FET and the LS-FET are off for about 32µs),
PWM is forced to initiate TON, so the switching
frequency is out of the audible range. To
prevent VOUT from rising too high, the MP8719
reduces TON to control VOUT. If the MP8719’s FB
is still too high after reducing TON to the
minimum value, the output discharge function is
activated and keeps VOUT within a reasonable
range. USM is selected by MODE.
MODE Selection
The MP8719 implements MODE for multiple
applications for USM and switching frequency
selection. USM and the switching frequency
can be selected by a different resistor on the
3V3 logic mode pin. There are four modes that
can be selected for normal application with
external
resistors
(see
Table
2).
It
is
recommended to use a 1% accuracy resistor.
Table 2: Mode Selection
State
USM
Fs
Resistor to GND
M1
No
700kHz
0Ω
M2
Yes
700kHz
90kΩ
M3
No
500kHz
150kΩ
M4
Yes
500kHz
>230kΩ or float
VDDQ Power Good (PG)
The MP8719 uses a power good (PG) output to
indicate whether the output voltage of the
VDDQ regulator is ready. PG is the open drain
of a MOSFET. It should be connected to VCC or
another voltage source through a resistor (e.g.:
100kΩ). After the input voltage is applied, the
MOSFET is turned on, so PG is pulled to GND
before SS is ready. After VFB reaches 95% of
VREF, PG is pulled high (after a delay time within
10µs). When VFB drops to 90% of VREF, PG is
pulled low.
Soft Start (SS)
The
MP8719
employs
a
soft-start
(SS)
mechanism to ensure a smooth output during
power-up. When EN becomes high, the internal
reference voltage ramps up gradually, and the
output voltage ramps up smoothly as well.
Once the reference voltage reaches the target
value, the soft start finishes, and the MP8719
enters steady-state operation (see Figure 7).
Figure 7: Start-Up Power Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com