Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913 Datasheet(PDF) 2 Page - STMicroelectronics

Part # RHFL4913
Description  RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913 Datasheet(HTML) 2 Page - STMicroelectronics

  RHFL4913 Datasheet HTML 1Page - STMicroelectronics RHFL4913 Datasheet HTML 2Page - STMicroelectronics RHFL4913 Datasheet HTML 3Page - STMicroelectronics RHFL4913 Datasheet HTML 4Page - STMicroelectronics RHFL4913 Datasheet HTML 5Page - STMicroelectronics RHFL4913 Datasheet HTML 6Page - STMicroelectronics RHFL4913 Datasheet HTML 7Page - STMicroelectronics RHFL4913 Datasheet HTML 8Page - STMicroelectronics RHFL4913 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RHFL4913 FIXED VERSION
2/11
Table 1: Absolute Maximum Ratings (Note 1)
Note 1: Exceeding maximum ratings may damage the device.
Table 2: Thermal Data
Figure 1: Connection Diagram (Top view, Bottom view for SMD.5)
Table 3: Pin Description
Symbol
Parameter
Value
Unit
VI
DC Input Voltage, VI -VGROUND
14
V
IO
Output Current
RHFL4913S, ESY
3
A
RHFL4913KP
2
PD
TC = 25°C Power Dissipation
15
W
Tstg
Storage Temperature Range
-65 to +150
°C
Top
Operating Junction Temperature Range
-55 to +150
°C
ESD
Electrostatic Discharge Capability
Class 3
Symbol
Parameter
FPC-16
TO-257
SMD.5
Unit
Rthj-case
Thermal Resistance Junction-case
8.3
8.3
8.3
°C/W
Tsold
Maximum soldering Temperature, 10sec.
300
°C
PIN N°
FPC-16
SMD.5
TO-257
VO
1, 2, 6, 7
1
3
VI
3, 4, 5
2
1
GND
13
3
2
ISC
8
OCM
10
INHIBIT
14
SENSE
16
NC
9, 11, 12, 15
FPC-16
TO-257
SMD.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com