Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHFL4913
Description  RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913 Datasheet(HTML) 4 Page - STMicroelectronics

  RHFL4913 Datasheet HTML 1Page - STMicroelectronics RHFL4913 Datasheet HTML 2Page - STMicroelectronics RHFL4913 Datasheet HTML 3Page - STMicroelectronics RHFL4913 Datasheet HTML 4Page - STMicroelectronics RHFL4913 Datasheet HTML 5Page - STMicroelectronics RHFL4913 Datasheet HTML 6Page - STMicroelectronics RHFL4913 Datasheet HTML 7Page - STMicroelectronics RHFL4913 Datasheet HTML 8Page - STMicroelectronics RHFL4913 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RHFL4913 FIXED VERSION
4/11
Table 7: Electrical Characteristics (TJ = 25°C, VI =VO+2.5V, CI =CO =1µF, unless otherwise speci-
fied)
(*) This value is guaranteed by design. For each application it’s strongly recommended to comply with the maximum current limit of the pack-
age used.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Operating Input Voltage
IO =1A
TJ= -55 to 125°C
312
V
VO
Output Voltage accuracy
VI =VO+2.5V, IO = 5mA
-2
2
%
ISHORT
Output Current Limit (*)
Adjustable by mask/external resistor
4.5
A
VO
Operating Output Voltage IO = 2 A, 2.5 V output voltage
2.45
2.55
V
VO
Operating Output Voltage IO = 2 A, 3.3 V output voltage
3.23
3.37
V
VO
Operating Output Voltage IO = 2 A, 5.0 V output voltage
4.9
5.1
V
∆V
O/∆VI
Line Regulation
VI =VO+2.5Vto12V,IO =5mA
0.35
%
∆V
O/∆VO Load Regulation
VI =VO+2.5V, IO = 5mA to 400 mA
0.3
%
VI =VO+2.5V, IO =5mA to 1A
0.5
%
ZOUT
Output Impedance
IO = 100 mA DC and 20 mA rms
100
m
Iq
Quiescent Current
VI =VO+2.5V, IO = 5mA
On Mode
6
mA
VI =VO+2.5V, IO = 30mA
On Mode
8
VI =VO+2.5V, IO = 300mA
On Mode
25
VI =VO+2.5V, IO = 1A
On Mode
60
VI =VO+2V, VINH =2.4V
Off Mode
1
Iq
Quiescent Current
VI =VO+2.5V, IO=5mA, TJ=-55 to 125°C
6mA
VI =VO+2.5V, IO=30mA, TJ=-55 to 125°C
14
VI =VO+2.5V, IO=300mA, TJ=-55 to 125°C
40
VI =VO+2.5V, IO = 1A, TJ=-55 to 125°C
100
Vd
Dropout Voltage
IO =400mAVO = 2.5 to 9 V, (-55°C)
300
400
V
Dropout Voltage
IO =400mAVO = 2.5 to 9 V, (25°C)
350
450
IO =1A
VO = 2.5 to 9 V, (25°C)
650
IO =2A
VO = 2.5 to 9 V, (25°C)
900
Dropout Voltage
IO =400mAVO = 2.5 to 9 V, (125°C)
450
550
IO =1A
VO = 2.5 to 9 V, (125°C)
800
IO =2A
VO = 2.5 to 9 V, (125°C)
950
VINH(ON) Inhibit Voltage
IO =5mA,TJ= -55 to 125°C
0.8
V
VINH(OFF) Inhibit Voltage
IO =5mA,TJ= -55 to 125°C
2.4
V
SVR
Supply Voltage Rejection
VI =VO+2.5V ± 0.5V,
IO = 5mA
f = 120Hz
60
70
dB
f= 33KHz
30
40
ISH
Shutdown Input Current
VINH =5 V
15
µA
VOCM
OCM Pin Voltage
Sinked IOCM = 10 mA active low
0.38
V
tPLH
tPHL
Inhibit Propagation Delay
VI =VO+2.5V, VINH =2.4 V, IO = 400 mA
ON-OFF
20
µS
OFF-ON
100
µS
eN
Output Noise Voltage
B= 10Hz to 100KHz
IO = 5mA to 2A
40
µVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com