Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913 Datasheet(PDF) 3 Page - STMicroelectronics

Part # RHFL4913
Description  RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913 Datasheet(HTML) 3 Page - STMicroelectronics

  RHFL4913 Datasheet HTML 1Page - STMicroelectronics RHFL4913 Datasheet HTML 2Page - STMicroelectronics RHFL4913 Datasheet HTML 3Page - STMicroelectronics RHFL4913 Datasheet HTML 4Page - STMicroelectronics RHFL4913 Datasheet HTML 5Page - STMicroelectronics RHFL4913 Datasheet HTML 6Page - STMicroelectronics RHFL4913 Datasheet HTML 7Page - STMicroelectronics RHFL4913 Datasheet HTML 8Page - STMicroelectronics RHFL4913 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RHFL4913 FIXED VERSION
3/11
Table 4: Ordering Codes
Table 5: Part Number - Smd Equivalence
Note: 3V version is available on request.
Table 6: Environmental Characteristics
FPC-16
SMD.5
TO-257
SOLDER DIPPING
OUTPUT
VOLTAGE
RHFL4913KP25-01V
RHFL4913S25-03V
RHFL4913ESY2505V
GOLD
2.5 V
RHFL4913KP25-02V
RHFL4913S25-04V
RHFL4913ESY2506V
SOLDER
2.5 V
RHFL4913KP30-01V
RHFL4913S30-03V
RHFL4913ESY3005V
GOLD
3.0 V
RHFL4913KP30-02V
RHFL4913S30-04V
RHFL4913ESY3006V
SOLDER
3.0 V
RHFL4913KP33-01V
RHFL4913S33-03V
RHFL4913ESY3305V
GOLD
3.3 V
RHFL4913KP33-02V
RHFL4913S33-04V
RHFL4913ESY3306V
SOLDER
3.3 V
RHFL4913KP50-01V
RHFL4913S50-03V
RHFL4913ESY5005V
GOLD
5.0 V
RHFL4913KP50-02V
RHFL4913S50-04V
RHFL4913ESY5006V
SOLDER
5.0 V
ST PART NUMBER
SMD PART NUMBER
RHFL4913KP25-01V
5962F0253401VXC
RHFL4913KP25-02V
5962F0253401VXA
RHFL4913KP33-01V
5962F0253501VXC
RHFL4913KP33-02V
5962F0253501VXA
RHFL4913KP50-01V
5962F0253601VXC
RHFL4913KP50-02V
5962F0253601VXA
RHFL4913S25-03V
5962F0253402VYC
RHFL4913S25-04V
5962F0253402VYA
RHFL4913S33-03V
5962F0253502VYC
RHFL4913S33-04V
5962F0253502VYA
RHFL4913S50-03V
5962F0253602VYC
RHFL4913S50-04V
5962F0253602VYA
RHFL4913ESY2505V
5962F0253402VZC
RHFL4913ESY2506V
5962F0253402VZA
RHFL4913ESY3305V
5962F0253502VZC
RHFL4913ESY3306V
5962F0253502VZA
RHFL4913ESY5005V
5962F0253602VZC
RHFL4913ESY5006V
5962F0253602VZA
Parameter
Conditions
Typical
Unit
Output Voltage thermal drift
-55°C to 125°C
40
ppm/°C
Output Voltage radiation drift
from 0 krad to 300 krad at 0.55rad/sec
8
ppm/krad
Output Voltage radiation drift
from 0 krad to 300 krad, Mil 1019.5
6
ppm/krad



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com