Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSABC05 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSABC05
Description  5 Watts AC/DC PCB Mount Supply Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSABC05 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSABC05 Datasheet HTML 1Page - Wall Industries,Inc. PSABC05 Datasheet HTML 2Page - Wall Industries,Inc. PSABC05 Datasheet HTML 3Page - Wall Industries,Inc. PSABC05 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev A
PSABC05 SERIES
5 Watts
AC/DC PCB Mount Supply
Single Output
2/7/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
SPECIFICATIONS
All specifications are typical based on 25°C, resistive load, 115VAC, 60Hz, and after warm-up time rated output current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
85
264
VAC
120
370
VDC
Input Frequency Range
47
63
Hz
Inrush Current
Cold start At 25ºC
@115VAC
20
A
@230VAC
40
No Load Power Consumption
300
mW
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±2.0
%Vnom.
Line Regulation
Vin=Min. to Max. @Full Load
±1.0
%
Load Regulation
Io=0% to 100%
±1.0
%
Overshoot
5
%Vout
Minimum Load
No Minimum Load Requirement
Output Power
See Table
Output Current
See Table
Input Current
@Max Load.
See Table
Maximum Capacitive Load
See Table
Ripple & Noise (20MHz bandwidth)
0-20MHz Bandwidth
3.3V and 5V Models
60
mVp-p
Other Output Models
1
%Vp-p
Current Limitation
Foldback, Automatic-Recovery
(Long term overload condition may cause damage)
135
150
%Inom.
Hold-Up Time
@115VAC, Full Load
8
mS
@230VAC, Full Load
40
Temperature Coefficient
±0.05
%/ºC
PROTECTION
Short Circuit Protection
Hiccup Mode, Automatic Recovery
Over Voltage Protection
Zener Diode Clamp
125
190
% of Vo
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Natural Convection
-25
+70
ºC
Storage Temperature
-40
+85
ºC
Power Derating
+50ºC to +70ºC
0.125
W/ºC
Humidity
Non-Condensing
95
%RH
Lead Temperature
1.5mm from case for 10Sec.
260
ºC
Cooling
Natural Convection(6)
MTBF
Calculated per MIL-HDBK-217F @25ºC, Ground Benign
628,000
Hours
GENERAL SPECIFICATIONS
Efficiency
@Max. Load
See Table
Switching Frequency
65
KHz
Isolation Voltage
60 Seconds
3000
VACrms
Isolation Resistance
500VDC
100
M
Ω
PHYSICAL SPECIFICATIONS
Weight
PCB Mount
0.69oz (19.7g)
Chassis Mount
0.84oz (23.9g)
Dimensions (L x W x H)
PCB Mount
1in x 1in x 0.64in
(25.4mm x 25.4mm x 16.3mm)
Chassis Mount
1.62in x 1.02in x 0.76in
(42mm x 26mm x 19.3mm)
Case Material
(Flammability to UL94V-0 Rated)
Plastic Resin
Pin Material
PCB Mount
Tinned Copper
SAFETY CHARACTERISTICS
Safety Approvals
UL/cUL 60950-1 recognition (UL Certificate), IEC/EN 60950-1 (CB Report)
IEC/EN 60335-1 Recognition (CB Report, TUV Certificate)
EMI
Conduction and Radiation, EN55011, EN55014-1, EN55022, FCC Part 15
Class B
ESD
EN61000-4-2
Air ±8kV, Contact ±4kV
A
Radiated Immunity
EN61000-4-3
10V/m
A
Fast Transient
EN61000-4-4
±2kV
A
Surge
EN61000-4-5
±1kV
A
Conducted Immunity
EN61000-4-6
10Vrms
A
PFMF
EN61000-4-8
30A/m
A
Dips
EN61000-4-11
30% 10ms
A
Interruptions
EN61000-4-11
>95% 5000ms
A
Protection Class
According IEC/EN 60536
Class II



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com