Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSABC05 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSABC05
Description  5 Watts AC/DC PCB Mount Supply Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSABC05 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSABC05 Datasheet HTML 1Page - Wall Industries,Inc. PSABC05 Datasheet HTML 2Page - Wall Industries,Inc. PSABC05 Datasheet HTML 3Page - Wall Industries,Inc. PSABC05 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev A
PSABC05 SERIES
5 Watts
AC/DC PCB Mount Supply
Single Output
2/7/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
PCB Size: 1in x 1in x 0.64in (25.4 x 25.4 x 16.3mm)
Chassis Size: 1.65in x 1.02in x 0.76in (42 x 26 x 19.3mm)
FEATURES
• Input Voltage Range of 85-264VAC
• Fully Encapsulated Plastic Case for
PCB and Chassis Mount Versions
• No Load Min. Load Requirement
• RoHS & REACH Compliant
• High Efficiency
• Over Voltage and Short Circuit Protection
• Protection Class II as per IEC/EN 60536
• I/O Isolation 3000VAC with Reinforced
Insulation
• UL/cUL/IEC/EN 60950-1, TUV IEC/EN
60335-1 & CE Marking
DESCRIPTION
The PSACB05 series of AC/DC PCB mount power supplies offers up to 5 watts of
output power in a compact PCB or Chassis mount package. This series consists of
single output models with 85-264VAC input and no minimum load requirement. Each
model in this series is RoHS & REACH compliant, has over load and short circuit
protection, and has I/O isolation 3000VAC with reinforced insulation. This series has
UL/cUL/IEC/EN 60950-1, TUV IEC/EN 60335-1 & CE marking.
MODEL SELECTION TABLE
PCB Mount Models
Model Number
Input Voltage Range
Output
Voltage
Output Current
Ripple &
Noise(3)
Input Current
Maximum
Capacitive Load
Efficiency
Output
Power
Max Load Peak Load(2)
PSABC05-S03
85~264VAC
(120-370VDC)
3.3VDC
1515mA
1970mA
60mVp-p
117mA
2200µF
74%
5W
PSABC05-S05
5VDC
1000mA
1300mA
60mVp-p
108mA
1000µF
80%
PSABC05-S09
9VDC
555mA
721mA
1%Vp-p
106mA
300µF
82%
PSABC05-S12
12VDC
416mA
540mA
1%Vp-p
106mA
160µF
82%
PSABC05-S15
15VDC
333mA
433mA
1%Vp-p
104mA
100µF
83%
PSABC05-S24
24VDC
208mA
270mA
1%Vp-p
104mA
43µF
83%
PSABC05-S48
48VDC
104mA
135mA
1%Vp-p
102mA
10µF
85%
MODEL SELECTION TABLE
Chassis Mount Models
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Ripple &
Noise(3)
Input Current
Maximum
Capacitive Load
Efficiency
Output
Power
Max Load Peak Load(2)
PSABC05-S03C
85~264VAC
(120-370VDC)
3.3VDC
1515mA
1970mA
60mVp-p
117mA
2200µF
74%
5W
PSABC05-S05C
5VDC
1000mA
1300mA
60mVp-p
108mA
1000µF
80%
PSABC05-S09C
9VDC
555mA
721mA
1%Vp-p
106mA
300µF
82%
PSABC05-S12C
12VDC
416mA
540mA
1%Vp-p
106mA
160µF
82%
PSABC05-S15C
15VDC
333mA
433mA
1%Vp-p
104mA
100µF
83%
PSABC05-S24C
24VDC
208mA
270mA
1%Vp-p
104mA
43µF
83%
PSABC05-S48C
48VDC
104mA
135mA
1%Vp-p
102mA
10µF
85%
PCB Mount
Chassis Mount


Similar Part No. - PSABC05

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
PSA SENSATA-PSA Datasheet
437Kb / 3P
2 TO 35 AMP PRECISION THERMAL CIRCUIT BREAKER
logo
Thurlby Thandar Instrum...
PSA U02 AIM-TTI-PSA U02 Datasheet
2Mb / 10P
PSA Series 5 portable RF Spectrum Analyzers, 3.6GHz and 6.0GHz Bench-top performance, handheld convenience
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
High Dynamic Range Monolithic IF Amplifier
PSA-0012+ MINI-PSA-0012+ Datasheet
145Kb / 1P
High Dynamic Range Monolithic IF Amplifier
PSA-0012-D MINI-PSA-0012-D Datasheet
296Kb / 6P
Monolithic Amplifier Die
More results

Similar Description - PSABC05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAHC WALL-PSAHC Datasheet
330Kb / 6P
5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
DTA24-Y WALL-DTA24-Y Datasheet
141Kb / 2P
20-24 Watts Single Output AC/DC Desktop Power Supply
DTA36 WALL-DTA36 Datasheet
133Kb / 3P
20 ~ 30 Watts Single Output AC/DC Desktop Power Supply
DTA-060A WALL-DTA-060A Datasheet
56Kb / 2P
To 60 Watts Single Output AC/DC Desktop Power Supply
DTA-070 WALL-DTA-070 Datasheet
138Kb / 2P
To 70 Watts Single Output AC/DC Desktop Power Supply
DTSPU68 WALL-DTSPU68 Datasheet
161Kb / 2P
Single Output 60 Watts (80 Watts Peak) AC/DC Desktop Power Supply
logo
Powerbox
PBB7A-C POWERBOX-PBB7A-C Datasheet
307Kb / 1P
AC-DC PCB mounted 5 Watts
logo
Wall Industries,Inc.
PSLH WALL-PSLH Datasheet
1Mb / 11P
5-25 Watts AC/DC Converter Single Output
logo
ETA-USA
OCH05S ETA-USA-OCH05S Datasheet
377Kb / 4P
DC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 5 WATTS
BJA-SA-U ETA-USA-BJA-SA-U Datasheet
576Kb / 2P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 25 WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com