Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSABC05 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSABC05
Description  5 Watts AC/DC PCB Mount Supply Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSABC05 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSABC05 Datasheet HTML 1Page - Wall Industries,Inc. PSABC05 Datasheet HTML 2Page - Wall Industries,Inc. PSABC05 Datasheet HTML 3Page - Wall Industries,Inc. PSABC05 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev A
PSABC05 SERIES
5 Watts
AC/DC PCB Mount Supply
Single Output
2/7/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
NOTES
1.
PCB mount is standard. To indicate chassis mount add C to end of model number.
2.
Peak load lasts <30S with maximum duty cycle of 10%, average output power should not exceed maximum power.
3.
Ripple & Noise of PCB mounting type measured with a 1µF/50V MLCC.
4.
It is recommended to protect the converter by a slow blow fuse in the input supply line.
5.
Other inputs and outputs may be available, please contact factory.
6.
“Natural convection” is about 20LFM but is not equal to still air (0 LFM).
*Due to advances in technology, specifications subject to change without notice.
MECHANICAL DRAWINGS
PCB Mount
Pin Connections
Pin
Function
1
AC (N)
2
AC (L)
3
NC
4
-Vout
5
+Vout
NC: No Connections
Notes:
All dimensions in mm (inches)
Tolerance: ±0.5 (±0.02)
Pin Diameter Ø 0.6±0.1 (0.02±0.004)
Chassis Mount
Connections
Pin
Function
1
AC (N)
2
AC (L)
3
NC
4
-Vout
5
+Vout
Notes:
All dimensions in mm (inches)
Tolerance: ±0.5 (±0.02)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com