Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWF65G Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LUWF65G
Description  SMD package with lens
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWF65G Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LUWF65G Datasheet HTML 3Page - OSRAM GmbH LUWF65G Datasheet HTML 4Page - OSRAM GmbH LUWF65G Datasheet HTML 5Page - OSRAM GmbH LUWF65G Datasheet HTML 6Page - OSRAM GmbH LUWF65G Datasheet HTML 7Page - OSRAM GmbH LUWF65G Datasheet HTML 8Page - OSRAM GmbH LUWF65G Datasheet HTML 9Page - OSRAM GmbH LUWF65G Datasheet HTML 10Page - OSRAM GmbH LUWF65G Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Vorläufige Daten / Preliminary Data
LUW F65G
2008-12-03
7
Operation conditions
I
F
[mA]
V
F
[V]
Flash Duration
(T
a = 25°C)
[ms]
Flash Interval
[s]
typ.
2)page 19
max.
350
3.2
3.8
DC
-
500
3.4
4.0
DC
-
700
3.6
4.2
500
3
1000
3.8
4.5
300
3
1500
4.3
4.9
50
3
Illuminance - Flash operation
I
F
[mA]
Phiv
(typ.)
2)page 19
[lm]
E
V in 1m
[lux]
E
V in 1.5m
[lux]
E
V in 2m
[lux]
350
77.7
55.3
24.1
13.7
500
96.2
68.1
30.6
16.3
700
117.0
83.2
37.1
20.2
1000
130.0
93.0
41.0
23.4
1500
148.9
106.0
47.5
26.7
Exemplary median Lifetime
2) page 19
for Strobe Applications
Conditions
median Lifetime
Unit
1000 mA
D = 0.1
t
pulse = 0.3 s
T
A = 25°C
>30.000
Flashes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com