Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWW5AP Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LUWW5AP
Description  dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWW5AP Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LUWW5AP Datasheet HTML 2Page - OSRAM GmbH LUWW5AP Datasheet HTML 3Page - OSRAM GmbH LUWW5AP Datasheet HTML 4Page - OSRAM GmbH LUWW5AP Datasheet HTML 5Page - OSRAM GmbH LUWW5AP Datasheet HTML 6Page - OSRAM GmbH LUWW5AP Datasheet HTML 7Page - OSRAM GmbH LUWW5AP Datasheet HTML 8Page - OSRAM GmbH LUWW5AP Datasheet HTML 9Page - OSRAM GmbH LUWW5AP Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2009-03-31
6
LUW W5AP
Farbortgruppen
5) Seite 20
Chromaticity coordinate groups
5) page 20
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
4C
0.308
0.305
5F
0.322
0.324
0.307
0.311
0.322
0.332
0.312
0.316
0.329
0.338
0.313
0.310
0.329
0.331
5C
0.307
0.311
6F
0.322
0.332
0.306
0.318
0.321
0.339
0.311
0.323
0.329
0.346
0.312
0.316
0.329
0.338
6C
0.306
0.318
7F
0.321
0.339
0.304
0.324
0.321
0.346
0.310
0.330
0.329
0.354
0.311
0.323
0.329
0.346
7C
0.304
0.324
8F
0.321
0.346
0.303
0.330
0.320
0.354
0.309
0.336
0.329
0.362
0.310
0.330
0.329
0.354
8C
0.303
0.330
5G
0.329
0.331
0.302
0.337
0.329
0.338
0.308
0.343
0.337
0.345
0.309
0.336
0.337
0.337
OHA03633
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cx
E
0.30
480
460
470
0.31
0.32
0.33
0.34
0.35
0.36
0.37
Cy
+
4C
5C
6C
7C
8C
4D
5D
6D
7D
8D
4E
5E
6E
7E
8E
8F
7F
6F
5F
5G
6G
7G
8G
5700 K
6500 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com