Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWW5AP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LUWW5AP
Description  dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWW5AP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LUWW5AP Datasheet HTML 6Page - OSRAM GmbH LUWW5AP Datasheet HTML 7Page - OSRAM GmbH LUWW5AP Datasheet HTML 8Page - OSRAM GmbH LUWW5AP Datasheet HTML 9Page - OSRAM GmbH LUWW5AP Datasheet HTML 10Page - OSRAM GmbH LUWW5AP Datasheet HTML 11Page - OSRAM GmbH LUWW5AP Datasheet HTML 12Page - OSRAM GmbH LUWW5AP Datasheet HTML 13Page - OSRAM GmbH LUWW5AP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LUW W5AP
2009-03-31
10
Durchlassstrom
2) Seite 20
Forward Current
2) page 20
I
F = f (VF); TA = 25 °C
Farbortverschiebung
2) Seite 17
Chromaticity Coordinate Shift
2) page 17
x, y =
f (I
F); TA = 25 °C
Relative Lichtstrom
2) 7) Seite 20
Relative Luminous Flux
2) 7) page 20
Φ
VV(1400 mA) = f (I
F); TA = 25 °C
OHL03711
mA
2.9
F
V
F
I
10
4
5
10
5
3
V
2
10
3.1
3.3
3.5
3.7
3.9
4.1
-0.010
OHL03785
0
Cx,
Δ
Cy
Δ
Cx
Cy
F
I
-0.005
0
0.005
0.010
0.015
0.020
1000
2000
mA 3500
OHL03712
(1.4 A)
V
V
Φ
Φ
I
F
10
2
510
3
10
mA
4
1
10
10
-1
10
0
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com