Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH2332 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH2332
Description  Especially suitable for applications from 350nm to 780nm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2332 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH2332 Datasheet HTML 1Page - OSRAM GmbH SFH2332 Datasheet HTML 2Page - OSRAM GmbH SFH2332 Datasheet HTML 3Page - OSRAM GmbH SFH2332 Datasheet HTML 4Page - OSRAM GmbH SFH2332 Datasheet HTML 5Page - OSRAM GmbH SFH2332 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2008-05-25
2
SFH 2332
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40 … + 100
°C
Sperrspannung
Reverse voltage
V
R
15
V
Sperrspannung, t < 120 s
Reverse voltage
V
R
20
V
Verlustleistung
Total power dissipation
P
tot
150
mW
Elektrostatische Entladung
Electrostatic Discharge
Human Body Model according to EOS/ESD-5.1-1993
ESD
2
kV
Kennwerte
(T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min
typ
max
Spektrale Fotoempfindlichkeit des Chips
Spectral sensitivity of the chip
λ = 405nm
λ = 650nm
λ = 780nm
Sλ
0.26
0.49
0.54
A/W
Fotostrom,
V
R = 5 V, Ee = 0.5 mW/cm
2
Photocurrent
λ = 405nm
λ = 650nm
λ = 780nm
IP
4.5
7.6
8.5
μA
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
780
nm
Spektraler Bereich der Fotoempfindlichkeit
Spectral range of sensitivity,
S = 10% of S
max
λ
350
1050
nm
Abmessung der bestrahlungsempfindlichen Fläche
Dimensions of radiant sensitive area
L × B
L × W
0.6
× 0.6
mm
× mm
Abstand Chipoberfläche zu Gehäuseoberfläche
Distance chip front to case surface
H
2.4 … 2.8
mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com