Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH2332 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH2332
Description  Especially suitable for applications from 350nm to 780nm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2332 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH2332 Datasheet HTML 1Page - OSRAM GmbH SFH2332 Datasheet HTML 2Page - OSRAM GmbH SFH2332 Datasheet HTML 3Page - OSRAM GmbH SFH2332 Datasheet HTML 4Page - OSRAM GmbH SFH2332 Datasheet HTML 5Page - OSRAM GmbH SFH2332 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SFH 2332
Schnelle PIN-Fotodiode
High Speed PIN Photodiode
Lead (Pb) Free Product - RoHS Compliant
2008-05-25
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen von 350nm
bis 780nm
• Sehr kurze Schaltzeit im spezifizierten
Wellenlängenbereich
• Sehr kurze Schaltzeiten bei geringer
Sperrspannung (<5V)
• Extrem kurze Abklingzeit („slow tail“)
• 3 mm Plastikbauform im LED-Gehäuse
Anwendungen
• Optische Laufwerke (CD, DVD, BluRay)
• Lichtschranken für Gleich- und Wechselbetrieb
• Industrieelektronik
• „Messen/Steuern/Regeln“
• Abstandsmesser
Typ
Type
Bestellnummer
Ordering Code
SFH 2332
Q65110A6342
Features
• Especially suitable for applications from 350nm
to 780nm
• Fast switching time within the specified
wavelength
• Fast switching time at low reverse voltage
(<5V)
• Ultra short decay time („slow tail“)
• 3 mm LED plastic package
Applications
• Optical Disc Drives (CD, DVD, BluRay)
• Photointerrupters
• Industrial electronics
• For control and drive circuits
• Range Finder


Similar Part No. - SFH2332

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH2302 OSRAM-SFH2302 Datasheet
230Kb / 6P
Schnelle PIN-Fotodiode High Speed PIN-Photodiode
logo
Siemens Semiconductor G...
SFH231 SIEMENS-SFH231 Datasheet
136Kb / 4P
Germanium-PIN-Fotodiode
SFH235 SIEMENS-SFH235 Datasheet
85Kb / 4P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
SFH235FA SIEMENS-SFH235FA Datasheet
85Kb / 4P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
logo
OSRAM GmbH
SFH235FA OSRAM-SFH235FA Datasheet
239Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
More results

Similar Description - SFH2332

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
651-105-21 MARL-651-105-21_13 Datasheet
430Kb / 5P
Suitable for high vibration applications
515-501-04 MARL-515-501-04_13 Datasheet
397Kb / 5P
Suitable for high vibration applications
logo
OSRAM GmbH
BP103 OSRAM-BP103 Datasheet
226Kb / 7P
Especially suitable for applications from 420 nm to 1130 nm
BPW-34 OSRAM-BPW-34 Datasheet
474Kb / 6P
Especially suitable for applications from 400 nm to 1100 nm
BPW-34-B OSRAM-BPW-34-B Datasheet
244Kb / 7P
Especially suitable for applications from 350 nm to 1100 nm
BPX-81 OSRAM-BPX-81 Datasheet
295Kb / 7P
Especially suitable for applications from 450 nm to 1100 nm
KOM-2125 OSRAM-KOM-2125 Datasheet
452Kb / 11P
Suitable for applications from 400 nm to 1100 nm
SFH-2332 OSRAM-SFH-2332 Datasheet
262Kb / 6P
Especially suitable for applications from 350nm to 780nm
logo
PHOENIX CONTACT
2230009 PHOENIX-2230009 Datasheet
57Kb / 2P
Suitable for outdoor/indoor applications
logo
eleflow technologies co...
2SC2312 ELEFLOW-2SC2312 Datasheet
117Kb / 2P
Especially suitable for the output stage of 27MHz 4W AM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com