Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH2332 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH2332
Description  Especially suitable for applications from 350nm to 780nm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2332 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH2332 Datasheet HTML 1Page - OSRAM GmbH SFH2332 Datasheet HTML 2Page - OSRAM GmbH SFH2332 Datasheet HTML 3Page - OSRAM GmbH SFH2332 Datasheet HTML 4Page - OSRAM GmbH SFH2332 Datasheet HTML 5Page - OSRAM GmbH SFH2332 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SFH 2332
2008-05-25
5
Maßzeichnung
Package Outlines
Maße in mm (inch) / Dimensions in mm (inch).
Empfohlenes Lötpaddesign
Wellenlöten (TTW)
Recommended Solder Pad
TTW Soldering
Maße in mm (inch) / Dimensions in mm (inch).
0.6 (0.024)
0.4 (0.016)
4.0 (0.157)
3.6 (0.142)
4.1 (0.161)
3.9 (0.154)
5.2 (0.205)
4.5 (0.177)
3.5 (0.138)
6.3 (0.248)
5.9 (0.232)
1.8 (0.071)
1.2 (0.047)
29 (1.142)
27 (1.063)
Chip position
Collector (Transistor)
Area not flat
GEOY6653
Cathode (Diode)
4 (0.157)
OHLPY985
cathode soldering area
area to improve power dissipation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com