Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74LCX07FN Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74LCX07FN
Description  Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX07FN Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74LCX07FN Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX07FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74LCX07F/FN/FT
2002-01-11
4
AC Characteristics (Ta
==== ----40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
2.7
1.0
4.4
Output enable time
tpZL
Figure 1, Figure 2
3.3
± 0.3
0.8
3.7
ns
2.7
1.0
4.4
Output disable time
tpLZ
Figure 1, Figure 2
3.3
± 0.3
0.8
3.7
ns
2.7
¾
¾
Output to output skew
tosZL
(Note 10)
3.3
± 0.3
¾
1.0
ns
Note 10: Parameter guaranteed by design.
(tosZL = |tpZLm - tpZLn|)
Dynamic Switching Characteristics
(Ta
==== 25°C, input: tr ==== tf ==== 2.5 ns, CL ==== 50 pF, RL ==== 500 W
W
W
W)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Quiet output maximum
dynamic VOL
VOLP
VIH = 3.3 V, VIL = 0 V
3.3
0.8
V
Quiet output minimum
dynamic VOL
|VOLV|
VIH = 3.3 V, VIL = 0 V
3.3
0.8
V
Capacitive Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
3.3
7
pF
Output capacitance
COUT
¾
3.3
8
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note 11)
3.3
5
pF
Note 11: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/6 (per gate)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com